Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 154 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 154 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 150Page - Texas Instruments AM3359 Datasheet HTML 151Page - Texas Instruments AM3359 Datasheet HTML 152Page - Texas Instruments AM3359 Datasheet HTML 153Page - Texas Instruments AM3359 Datasheet HTML 154Page - Texas Instruments AM3359 Datasheet HTML 155Page - Texas Instruments AM3359 Datasheet HTML 156Page - Texas Instruments AM3359 Datasheet HTML 157Page - Texas Instruments AM3359 Datasheet HTML 158Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 256 page
background image
154
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2020, Texas Instruments Incorporated
7.7.2.1.2.7 High-Speed Bypass Capacitors
High-speed (HS) bypass capacitors are critical for proper LPDDR interface operation. It is particularly
important to minimize the parasitic series inductance of the HS bypass capacitors, the AM335x device
LPDDR power, and the AM335x device LPDDR ground connections. Table 7-39 contains the specification
for the HS bypass capacitors as well as for the power connections on the PCB.
Table 7-39. High-Speed Bypass Capacitors
NO.
PARAMETER
MIN
MAX
UNIT
1
HS bypass capacitor package size(1)
0402
10 mils
2
Distance from HS bypass capacitor to device being bypassed
250
mils
3
Number of connection vias for each HS bypass capacitor(2)
2
Vias
4
Trace length from bypass capacitor contact to connection via
30
mils
5
Number of connection vias for each AM335x VDDS_DDR and VSS terminal
1
Vias
6
Trace length from AM335x VDDS_DDR and VSS terminal to connection via
35
mils
7
Number of connection vias for each LPDDR device power and ground terminal
1
Vias
8
Trace length from LPDDR device power and ground terminal to connection via
35
mils
9
AM335x VDDS_DDR HS bypass capacitor count(3)
10
Devices
10
AM335x VDDS_DDR HS bypass capacitor total capacitance
0.6
μF
11
LPDDR device HS bypass capacitor count(3)(4)
8
Devices
12
LPDDR device HS bypass capacitor total capacitance(4)
0.4
μF
(1) LxW, 10-mil units; for example, a 0402 is a 40x20-mil surface-mount capacitor.
(2) An additional HS bypass capacitor can share the connection vias only if it is mounted on the opposite side of the board.
(3) These devices should be placed as close as possible to the device being bypassed.
(4) Per LPDDR device.
7.7.2.1.2.8 Net Classes
Table 7-40 lists the clock net classes for the LPDDR interface. Table 7-41 lists the signal net classes, and
associated clock net classes, for the signals in the LPDDR interface. These net classes are used for the
termination and routing rules that follow.
Table 7-40. Clock Net Class Definitions
CLOCK NET CLASS
AM335x PIN NAMES
CK
DDR_CK and DDR_CKn
DQS0
DDR_DQS0
DQS1
DDR_DQS1
Table 7-41. Signal Net Class Definitions
SIGNAL NET CLASS
ASSOCIATED CLOCK
NET CLASS
AM335x PIN NAMES
ADDR_CTRL
CK
DDR_BA[1:0], DDR_A[15:0], DDR_CSn0, DDR_CASn, DDR_RASn,
DDR_WEn, DDR_CKE
DQ0
DQS0
DDR_D[7:0], DDR_DQM0
DQ1
DQS1
DDR_D[15:8], DDR_DQM1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com