Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 153 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 153 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 149Page - Texas Instruments AM3359 Datasheet HTML 150Page - Texas Instruments AM3359 Datasheet HTML 151Page - Texas Instruments AM3359 Datasheet HTML 152Page - Texas Instruments AM3359 Datasheet HTML 153Page - Texas Instruments AM3359 Datasheet HTML 154Page - Texas Instruments AM3359 Datasheet HTML 155Page - Texas Instruments AM3359 Datasheet HTML 156Page - Texas Instruments AM3359 Datasheet HTML 157Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 256 page
background image
A1
A1
LPDDR
Device
153
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2020, Texas Instruments Incorporated
7.7.2.1.2.5 LPDDR Keepout Region
The region of the PCB used for the LPDDR circuitry must be isolated from other signals. The LPDDR
keepout region is defined for this purpose and is shown in Figure 7-35. This region should encompass all
LPDDR circuitry and the region size varies with component placement and LPDDR routing. Additional
clearances required for the keepout region are shown in Table 7-37. Non-LPDDR signals must not be
routed on the same signal layer as LPDDR signals within the LPDDR keepout region. Non-LPDDR signals
may be routed in the region provided they are routed on layers separated from LPDDR signal layers by a
ground layer. No breaks should be allowed in the reference ground or VDDS_DDR power plane in this
region. In addition, the VDDS_DDR power plane should cover the entire keepout region.
Figure 7-35. LPDDR Keepout Region
7.7.2.1.2.6 Bulk Bypass Capacitors
Bulk bypass capacitors are required for moderate speed bypassing of the LPDDR and other circuitry.
Table 7-38 contains the minimum numbers and capacitance required for the bulk bypass capacitors. Note
that this table only covers the bypass needs of the AM335x LPDDR interface and LPDDR devices.
Additional bulk bypass capacitance may be needed for other circuitry.
Table 7-38. Bulk Bypass Capacitors(1)
NO.
PARAMETER
MIN
MAX
UNIT
1
AM335x VDDS_DDR bulk bypass capacitor count
1
Devices
2
AM335x VDDS_DDR bulk bypass total capacitance
10
μF
3
LPDDR#1 bulk bypass capacitor count
1
Devices
4
LPDDR#1 bulk bypass total capacitance
10
μF
5
LPDDR#2 bulk bypass capacitor count(2)
1
Devices
6
LPDDR#2 bulk bypass total capacitance(2)
10
μF
(1) These devices should be placed near the device they are bypassing, but preference should be given to the placement of the high-speed
(HS) bypass capacitors.
(2) Only used when two LPDDR devices are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com