Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 149 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 149 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 145Page - Texas Instruments AM3359 Datasheet HTML 146Page - Texas Instruments AM3359 Datasheet HTML 147Page - Texas Instruments AM3359 Datasheet HTML 148Page - Texas Instruments AM3359 Datasheet HTML 149Page - Texas Instruments AM3359 Datasheet HTML 150Page - Texas Instruments AM3359 Datasheet HTML 151Page - Texas Instruments AM3359 Datasheet HTML 152Page - Texas Instruments AM3359 Datasheet HTML 153Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 256 page
background image
DDR_D0
DDR_D7
DDR_DQM0
DDR_DQS0
DDR_DQSn0
DDR_D8
DDR_D15
DDR_DQM1
DDR_DQS1
DDR_DQSn1
DQ0
DQ7
LDM
LDQS
DQ8
DQ15
UDM
UDQS
BA0
A0
A15
CS
CAS
RAS
WE
CKE
CK
CK
DDR_BA0
DDR_A0
DDR_A15
DDR_CSn0
DDR_CASn
DDR_RASn
DDR_WEn
DDR_CKE
DDR_CK
DDR_CKn
DDR_VREF
16-Bit LPDDR
Device
DDR_VTP
49.9
( 1%, 20 mW)
Ω
±
DDR_ODT
DDR_RESETn
NC
AM335x
T
T
T
T
T
T
T
T
T
T
BA1
DDR_BA1
DDR_BA2
NC
NC
T
NC
(A)
NC
(A)
NC
149
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2020, Texas Instruments Incorporated
A.
Enable internal weak pulldown on these pins. For details, see the EMIF section of the AM335x and AMIC110 Sitara
Processors Technical Reference Manual.
B.
For all the termination requirements, see Section 7.7.2.1.2.9.
Figure 7-33. 16-Bit LPDDR Interface Using One 16-Bit LPDDR Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com