Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 151 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 151 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 147Page - Texas Instruments AM3359 Datasheet HTML 148Page - Texas Instruments AM3359 Datasheet HTML 149Page - Texas Instruments AM3359 Datasheet HTML 150Page - Texas Instruments AM3359 Datasheet HTML 151Page - Texas Instruments AM3359 Datasheet HTML 152Page - Texas Instruments AM3359 Datasheet HTML 153Page - Texas Instruments AM3359 Datasheet HTML 154Page - Texas Instruments AM3359 Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 256 page
background image
151
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2020, Texas Instruments Incorporated
Complete stackup specifications are provided in Table 7-36.
Table 7-36. PCB Stackup Specifications(1)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
PCB routing and plane layers
4
2
Signal routing layers
2
3
Full ground layers under LPDDR routing region
1
4
Number of ground plane cuts allowed within LPDDR routing region
0
5
Full VDDS_DDR power reference layers under LPDDR routing region
1
6
Number of layers between LPDDR routing layer and reference ground
plane
0
7
PCB routing feature size
4
mils
8
PCB trace width, w
4
mils
9
PCB BGA escape via pad size(2)
18
20
mils
10
PCB BGA escape via hole size(2)
10
mils
11
Single-ended impedance, Zo(3)
50
75
Ω
12
Impedance control(4)(5)
Zo-5
Zo
Zo+5
Ω
(1) For the LPDDR device BGA pad size, see the LPDDR device manufacturer documentation.
(2) A 20-10 via may be used if enough power routing resources are available. An 18-10 via allows for more flexible power routing to the
AM335x device.
(3) Zo is the nominal singled-ended impedance selected for the PCB.
(4) This parameter specifies the AC characteristic impedance tolerance for each segment of a PCB signal trace relative to the chosen Zo
defined by the single-ended impedance parameter.
(5) Tighter impedance control is required to ensure flight time skew is minimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com