| Electronic Components Datasheet Search |
|
AM3359 Datasheet(PDF) 152 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3359 Datasheet(HTML) 152 Page - Texas Instruments |
|
152 / 256 page ![]() A1 A1 X Y OFFSET Recommended LPDDR Device Orientation Y Y OFFSET LPDDR Device AM335x 152 AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351 SPRS717L – OCTOBER 2011 – REVISED MARCH 2020 www.ti.com Submit Documentation Feedback Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351 Peripheral Information and Timings Copyright © 2011–2020, Texas Instruments Incorporated 7.7.2.1.2.4 Placement Figure 7-34 shows the required placement for the LPDDR devices. The dimensions for this figure are defined in Table 7-37. The placement does not restrict the side of the PCB on which the devices are mounted. The ultimate purpose of the placement is to limit the maximum trace lengths and allow for proper routing space. For single-memory LPDDR systems, the second LPDDR device is omitted from the placement. Figure 7-34. AM335x Device and LPDDR Device Placement Table 7-37. Placement Specifications(1) NO. PARAMETER MIN MAX UNIT 1 X(2)(3) 1750 mils 2 Y(2)(3) 1280 mils 3 Y Offset(2)(3)(4) 650 mils 4 Clearance from non-LPDDR signal to LPDDR keepout region(5)(6) 4 w (1) LPDDR keepout region to encompass entire LPDDR routing area. (2) For dimension definitions, see Figure 7-34. (3) Measurements from center of the AM335x device to center of LPDDR device. (4) For single-memory systems, TI recommends that Y offset be as small as possible. (5) w is defined as the signal trace width. (6) Non-LPDDR signals allowed within LPDDR keepout region provided they are separated from LPDDR routing layers by a ground plane. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |