Electronic Components Datasheet Search
  English  ▼

X  

V5000E Datasheet(PDF) 21 Page - IBM

Part # V5000E
Description  IBM Storwize V5000E models deliver innovative and simplified storage with enhanced performance to meet the growing needs of small and medium organizations
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IBM [IBM]
Direct Link  http://www.ibm.com
Logo IBM - IBM

V5000E Datasheet(HTML) 21 Page - IBM

Back Button V5000E Datasheet HTML 17Page - IBM V5000E Datasheet HTML 18Page - IBM V5000E Datasheet HTML 19Page - IBM V5000E Datasheet HTML 20Page - IBM V5000E Datasheet HTML 21Page - IBM V5000E Datasheet HTML 22Page - IBM V5000E Datasheet HTML 23Page - IBM V5000E Datasheet HTML 24Page - IBM V5000E Datasheet HTML 25Page - IBM Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
IBM Europe Hardware Announcement ZG19-0035
IBM is a registered trademark of International Business Machines Corporation
21
Description
Machine type
Model
Feature
OEM 14 MTM
Order Indicator
2072
24F
ACYE
OEM 15 MTM
Order Indicator
2072
24F
ACYF
Generic Bezel
2072
24F
ACZA
Generic Packaging
2072
24F
ACZF
Order Type 1 -
CTO
2072
24F
ADN1
Order Type 2 -
MTM Only
2072
24F
ADN2
Order Type 3 - FC
Only
2072
24F
ADN3
No Rules Order
Indicator
2072
24F
ADNR
TAA Designated
Country
2072
24F
ADZ1
Shipping and
Handling NC
2072
24F
AG00
Shipping and
Handling - Model
24F
2072
24F
AGJY
Power Cord - DC
2072
24F
AHP4
Power Cord - PDU
Connection (C20)
2072
24F
AHP6
AC Power Supply
High Efficiency
(Pair)
2072
24F
AHPA
DC Power Supply
-48V (Pair)
2072
24F
AHPB
20A Circuit
Breaker (Pair)
2072
24F
AHPC
VersaStack
Solution Indicator
2072
24F
AHZC
900 GB 10,000
rpm 12 Gb SAS
2.5 Inch HDD
2072
24F
AL68
1.2 TB 10,000 rpm
12 Gb SAS 2.5
Inch HDD
2072
24F
AL69
1.8 TB 10,000 rpm
12 Gb SAS 2.5
Inch HDD
2072
24F
AL6A
2.4 TB 10,000 rpm
12 Gb SAS 2.5
Inch HDD
2072
24F
AL6B
2 TB 7,200 rpm
12 Gb SAS NL 2.5
Inch HDD
2072
24F
AL76
1.92TB 12 Gb SAS
2.5 Inch Flash
Drive
2072
24F
AL80
3.84TB 12 Gb SAS
2.5 Inch Flash
Drive
2072
24F
AL81
7.68TB 12 Gb SAS
2.5 Inch Flash
Drive
2072
24F
AL82
15.36TB 12 Gb
SAS 2.5 Inch Flash
Drive
2072
24F
AL83
30.72TB 12 Gb
SAS 2.5 Inch Flash
Drive
2072
24F
AL84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com