Electronic Components Datasheet Search
  English  ▼

X  

V5000E Datasheet(PDF) 6 Page - IBM

Part # V5000E
Description  IBM Storwize V5000E models deliver innovative and simplified storage with enhanced performance to meet the growing needs of small and medium organizations
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IBM [IBM]
Direct Link  http://www.ibm.com
Logo IBM - IBM

V5000E Datasheet(HTML) 6 Page - IBM

Back Button V5000E Datasheet HTML 2Page - IBM V5000E Datasheet HTML 3Page - IBM V5000E Datasheet HTML 4Page - IBM V5000E Datasheet HTML 5Page - IBM V5000E Datasheet HTML 6Page - IBM V5000E Datasheet HTML 7Page - IBM V5000E Datasheet HTML 8Page - IBM V5000E Datasheet HTML 9Page - IBM V5000E Datasheet HTML 10Page - IBM Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
IBM Europe Hardware Announcement ZG19-0035
IBM is a registered trademark of International Business Machines Corporation
6
• Redundant hardware, including power supplies and fans
• Hot-swappable and customer replaceable components
• Automated path failover support for the data path between the server and the
drives
• HyperSwap on V5030E only
Rich set of functional capabilities standard with every system
As a member of the Storwize family, Storwize V5000E leverages IBM Spectrum
Virtualize Software functions and management tools. The following functions are
included with Storwize V5000E models:
• RAID levels 0, 1, 5, 6, 10 with RAID levels 5 and 6 as distributed RAID:
Provides the flexibility to choose the level of data protection required.
• Virtualization of internal storage: Enables rapid, flexible provisioning and
simple configuration changes.
• Thin provisioning: Optimizes efficiency by allocating disk storage space in a
flexible manner among multiple users, based on the minimum space required by
each user at any given time. With thin provisioning, applications consume only
the space they are actually using, not the total space that has been allocated to
them.
• Data reduction pools: Increases existing infrastructure capacity utilization by
leveraging new efficiency functions:
– Automatically de-allocate and reclaim capacity of thin-provisioned volumes
containing deleted data and, for the first time, enable this reclaimed capacity
to be reused by other volumes.
– Block deduplication for increased efficiency of storage usage by utilizing
pointers in duplicate blocks rather than keeping multiple copies (Storwize
V5030E only).
– Compression improves efficiency by storing more active primary data in the
same physical disk space (Storwize V5030E only).
• Dynamic migration delivers efficiency and business value through a nondisruptive
migration function.
• FlashCopy enables you to create copies of data for backup, parallel processing,
testing, and development, and have the copies available almost immediately.
Storwize V5000E supports up to 64 FlashCopy targets per system.
• HyperSwap delivers high-availability configurations for resilient virtualized
environments (Storwize V5030E only).
• Graphical user interface delivers intuitive data management designed with point-
and-click system management capabilities.
Optional licensed functions and 90-day trial period
Storwize V5000E capabilities can be expanded with the following optional licensed
functions. Each function is licensed to a Storwize V5000E control enclosure and
covers the entire Storwize V5000E system (control enclosure and all attached
expansion enclosures).
To help evaluate the benefits of these new capabilities, licensed functions (with the
exception of FlashCopy upgrade) can be enabled at no charge for a 90-day trial
period. Trials are initiated from the Storwize management GUI and do not require
any IBM intervention. Upon expiration of the trial, the function will be automatically
disabled unless a license key for that function has been installed onto the machine.
• FlashCopy upgrade: FlashCopy enables the creation of copies of data for
backup, parallel processing, testing, and development, and have the copies
available almost immediately. All Storwize V5000E systems support up to 64
targets per system at no charge. The FlashCopy upgrade option increases this
support to 2,040 FlashCopy targets per system.
• Easy Tier: Storage tiering helps optimize storage use with data location to
improve system performance, reduce costs, and simplify management. Easy
Tier automatically and dynamically moves frequently accessed data to flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com