Electronic Components Datasheet Search
  English  ▼

X  

V5000E Datasheet(PDF) 10 Page - IBM

Part # V5000E
Description  IBM Storwize V5000E models deliver innovative and simplified storage with enhanced performance to meet the growing needs of small and medium organizations
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IBM [IBM]
Direct Link  http://www.ibm.com
Logo IBM - IBM

V5000E Datasheet(HTML) 10 Page - IBM

Back Button V5000E Datasheet HTML 6Page - IBM V5000E Datasheet HTML 7Page - IBM V5000E Datasheet HTML 8Page - IBM V5000E Datasheet HTML 9Page - IBM V5000E Datasheet HTML 10Page - IBM V5000E Datasheet HTML 11Page - IBM V5000E Datasheet HTML 12Page - IBM V5000E Datasheet HTML 13Page - IBM V5000E Datasheet HTML 14Page - IBM Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
IBM Europe Hardware Announcement ZG19-0035
IBM is a registered trademark of International Business Machines Corporation
10
Description
Machine type
Model
Feature
Order Type 2 -
MTM Only
2072
12F
ADN2
Order Type 3 - FC
Only
2072
12F
ADN3
No Rules Order
Indicator
2072
12F
ADNR
TAA Designated
Country
2072
12F
ADZ1
Shipping and
Handling NC
2072
12F
AG00
Shipping and
Handling - Model
12F
2072
12F
AGJX
Power Cord - DC
2072
12F
AHP4
Power Cord - PDU
Connection (C20)
2072
12F
AHP6
AC Power Supply
High Efficiency
(Pair)
2072
12F
AHPA
DC Power Supply
-48V (Pair)
2072
12F
AHPB
20A Circuit
Breaker (Pair)
2072
12F
AHPC
VersaStack
Solution Indicator
2072
12F
AHZC
900 GB 10,000
rpm 12 Gb SAS
3.5 Inch HDD
2072
12F
AL27
1.2 TB 10,000 rpm
12 Gb SAS 3.5
Inch HDD
2072
12F
AL28
1.8 TB 10,000 rpm
12 Gb SAS 3.5
Inch HDD
2072
12F
AL29
2.4 TB 10,000 rpm
12 Gb SAS 3.5
Inch HDD
2072
12F
AL2A
4 TB 7,200 rpm
12 Gb SAS NL 3.5
Inch HDD
2072
12F
AL39
6 TB 7,200 rpm
12 Gb SAS NL 3.5
Inch HDD
2072
12F
AL3A
8 TB 7,200 rpm
12 Gb SAS NL 3.5
Inch HDD
2072
12F
AL3B
10 TB 7,200 rpm
12 Gb SAS NL 3.5
Inch HDD
2072
12F
AL3C
12 TB 7,200 rpm
12 Gb SAS NL 3.5
Inch HDD
2072
12F
AL3D
14 TB 7,200 rpm
12 Gb SAS NL 3.5
Inch HDD
2072
12F
AL3E
ServicePac(R)
Warranty and
Maintenance
Option 5 YR
24x7 Same Day
rCL/4hrPD
2072
12F
B0MT
ServicePac for
Hard Drive or
Media Retention
2072
12F
B0NQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com