Electronic Components Datasheet Search
  English  ▼

X  

V5000E Datasheet(PDF) 8 Page - IBM

Part # V5000E
Description  IBM Storwize V5000E models deliver innovative and simplified storage with enhanced performance to meet the growing needs of small and medium organizations
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IBM [IBM]
Direct Link  http://www.ibm.com
Logo IBM - IBM

V5000E Datasheet(HTML) 8 Page - IBM

Back Button V5000E Datasheet HTML 4Page - IBM V5000E Datasheet HTML 5Page - IBM V5000E Datasheet HTML 6Page - IBM V5000E Datasheet HTML 7Page - IBM V5000E Datasheet HTML 8Page - IBM V5000E Datasheet HTML 9Page - IBM V5000E Datasheet HTML 10Page - IBM V5000E Datasheet HTML 11Page - IBM V5000E Datasheet HTML 12Page - IBM Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
IBM Europe Hardware Announcement ZG19-0035
IBM is a registered trademark of International Business Machines Corporation
8
The following are newly announced features and models on the specified models of
the IBM System Storage 2072 machine type:
Description
Machine type
Model
Feature
IBM Storwize
V5000E LFF
Expansion
Enclosure
2072
12F
JEMT Indicator
2072
12F
0021
Bulk Ordering
Feature
2072
12F
5555
Power Cord -
EMEA
2072
12F
9716
Power Cord -
Australia/NZ
2072
12F
9717
Power Cord -
Europe/Africa
2072
12F
9718
Power Cord -
Denmark
2072
12F
9719
Power Cord -
South Africa
2072
12F
9720
Power Cord -
Switzerland
2072
12F
9721
Power Cord -
Chile/Italy
2072
12F
9722
Power Cord -
Israel
2072
12F
9723
Power Cord -
Argentina
2072
12F
9725
Power Cord -
China
2072
12F
9726
Power Cord - PDU
Connection
2072
12F
9730
Power Cord - US/
Group 1
2072
12F
9731
Power Cord -
Taiwan
2072
12F
9732
Power Cord -
Brazil
2072
12F
9733
Power Cord - India
2072
12F
9734
Power Cord -
Japan
2072
12F
9735
Power Cord -
Korea
2072
12F
9736
Power Cord -
Chicago
2072
12F
9737
RFID AG/AP:
902-928 MHz
2072
12F
A2EV
RFID EMEA:
865.6-867.8 MHz
2072
12F
A2EW
0.6m 12 Gb SAS
Cable (mSAS HD
to mSAS HD)
2072
12F
ACUA
1.5m 12 Gb SAS
Cable (mSAS HD
to mSAS HD)
2072
12F
ACUB
3m 12 Gb SAS
Cable (mSAS HD
to mSAS HD)
2072
12F
ACUC
6m 12 Gb SAS
Cable (mSAS HD
to mSAS HD)
2072
12F
ACUE
OEM 1 FC Order
Indicator
2072
12F
ACW1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com