Electronic Components Datasheet Search
  English  ▼

X  

V5000E Datasheet(PDF) 13 Page - IBM

Part # V5000E
Description  IBM Storwize V5000E models deliver innovative and simplified storage with enhanced performance to meet the growing needs of small and medium organizations
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IBM [IBM]
Direct Link  http://www.ibm.com
Logo IBM - IBM

V5000E Datasheet(HTML) 13 Page - IBM

Back Button V5000E Datasheet HTML 9Page - IBM V5000E Datasheet HTML 10Page - IBM V5000E Datasheet HTML 11Page - IBM V5000E Datasheet HTML 12Page - IBM V5000E Datasheet HTML 13Page - IBM V5000E Datasheet HTML 14Page - IBM V5000E Datasheet HTML 15Page - IBM V5000E Datasheet HTML 16Page - IBM V5000E Datasheet HTML 17Page - IBM Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
IBM Europe Hardware Announcement ZG19-0035
IBM is a registered trademark of International Business Machines Corporation
13
Description
Machine type
Model
Feature
OEM 14 FC Order
Indicator
2072
212
ACWE
OEM 15 FC Order
Indicator
2072
212
ACWF
OEM 1 MTM Order
Indicator
2072
212
ACY1
OEM 2 MTM Order
Indicator
2072
212
ACY2
OEM 3 MTM Order
Indicator
2072
212
ACY3
OEM 4 MTM Order
Indicator
2072
212
ACY4
OEM 5 MTM Order
Indicator
2072
212
ACY5
OEM 6 MTM Order
Indicator
2072
212
ACY6
OEM 7 MTM Order
Indicator
2072
212
ACY7
OEM 8 MTM Order
Indicator
2072
212
ACY8
OEM 9 MTM Order
Indicator
2072
212
ACY9
OEM 10 MTM
Order Indicator
2072
212
ACYA
OEM 11 MTM
Order Indicator
2072
212
ACYB
OEM 12 MTM
Order Indicator
2072
212
ACYC
OEM 13 MTM
Order Indicator
2072
212
ACYD
OEM 14 MTM
Order Indicator
2072
212
ACYE
OEM 15 MTM
Order Indicator
2072
212
ACYF
Generic Bezel
2072
212
ACZA
Generic Packaging
2072
212
ACZF
Order Type 1 -
CTO
2072
212
ADN1
Order Type 2 -
MTM Only
2072
212
ADN2
Order Type 3 - FC
Only
2072
212
ADN3
No Rules Order
Indicator
2072
212
ADNR
TAA Designated
Country
2072
212
ADZ1
Shipping and
Handling NC
2072
212
AG00
Shipping and
Handling - Model
212
2072
212
AGJT
Power Cord - DC
2072
212
AHP4
Power Cord - PDU
Connection (C20)
2072
212
AHP6
AC Power Supply
High Efficiency
(Pair)
2072
212
AHPA
DC Power Supply
-48V (Pair)
2072
212
AHPB
20A Circuit
Breaker (Pair)
2072
212
AHPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com