Electronic Components Datasheet Search
  English  ▼

X  

V5000E Datasheet(PDF) 7 Page - IBM

Part # V5000E
Description  IBM Storwize V5000E models deliver innovative and simplified storage with enhanced performance to meet the growing needs of small and medium organizations
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IBM [IBM]
Direct Link  http://www.ibm.com
Logo IBM - IBM

V5000E Datasheet(HTML) 7 Page - IBM

Back Button V5000E Datasheet HTML 3Page - IBM V5000E Datasheet HTML 4Page - IBM V5000E Datasheet HTML 5Page - IBM V5000E Datasheet HTML 6Page - IBM V5000E Datasheet HTML 7Page - IBM V5000E Datasheet HTML 8Page - IBM V5000E Datasheet HTML 9Page - IBM V5000E Datasheet HTML 10Page - IBM V5000E Datasheet HTML 11Page - IBM Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
IBM Europe Hardware Announcement ZG19-0035
IBM is a registered trademark of International Business Machines Corporation
7
(solid state) drives in the system, resulting in flash drive performance without
manually creating and managing storage tier policies. Easy Tier makes it easy
and economical to deploy flash drives in the environment.
• Remote mirroring: This feature provides storage system-based data replication
using either synchronous or asynchronous data transfers:
– Metro Mirror is designed to maintain a fully synchronized copy at metropolitan
distances (up to 300 km).
– Global Mirror is designed to operate asynchronously and helps maintain a copy
at much greater distances (up to 8000 km).
– Both functions are designed to support VMware Site Recovery Manager to help
speed disaster recovery.
– For ultimate flexibility, Storwize V5000E remote mirroring is designed to
interoperate with any other IBM Spectrum Virtulaize family system, including
Storwize V7000, Storwize V5000, FlashSystem V9000, FlashSystem 9100 and
SAN Volume Controller.
– The remote mirroring option must be acquired (or licensed) for both the
primary (local) and secondary (remote) systems. If Storwize V5000E is
mirrored to a system other than Storwize V5000E, the other system must have
the appropriate and applicable license for remote mirroring.
Encryption for enhanced data security (Storwize V5030E Only)
Storwize V5030E supports encryption for data at rest. Encryption is performed by
the Storwize V5030E control enclosure for data stored within the entire Storwize
V5030E system, the Storwize V5030E control enclosure and all attached Storwize
V5000E expansion enclosures.
Encryption is enabled on Storwize V5030E through the acquisition of the Encryption
Enablement feature. This feature enables encryption on the entire Storwize V5030E
system.
The Encryption USB Flash Drives (Four Pack) feature or IBM Security Key Manager
(SKLM) are required for encryption keys management.
IBM Storage Insights
Available at no charge, cloud-based IBM Storage Insights provides a single
dashboard that gives you a clear view of all your IBM block storage. You'll be able
to make better decisions by seeing trends in performance and capacity. Storage
health information enables you to focus on areas needing attention and when IBM
support is needed, Storage Insights simplifies uploading logs, speeds resolution with
online configuration data, and provides an overview of open tickets all in one place.
Storage Insights Pro is a subscription service that provides longer historical views
of data, more reporting and optimization options, and supports IBM file and block
storage together with EMC VNX and VMAX.
There is no ordering required. For registration and installation information, see the
IBM Storage Insights Enrollmentwebsite.
Accessibility by people with disabilities
A US Section 508 Accessibility Compliance Report containing details on accessibility
compliance can be found on the Product accessibility information website.
Reference information
Storwize family product information is available on the IBM Storwize family website.
Product number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com