Electronic Components Datasheet Search
  English  ▼

X  

V5000E Datasheet(PDF) 12 Page - IBM

Part # V5000E
Description  IBM Storwize V5000E models deliver innovative and simplified storage with enhanced performance to meet the growing needs of small and medium organizations
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IBM [IBM]
Direct Link  http://www.ibm.com
Logo IBM - IBM

V5000E Datasheet(HTML) 12 Page - IBM

Back Button V5000E Datasheet HTML 8Page - IBM V5000E Datasheet HTML 9Page - IBM V5000E Datasheet HTML 10Page - IBM V5000E Datasheet HTML 11Page - IBM V5000E Datasheet HTML 12Page - IBM V5000E Datasheet HTML 13Page - IBM V5000E Datasheet HTML 14Page - IBM V5000E Datasheet HTML 15Page - IBM V5000E Datasheet HTML 16Page - IBM Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
IBM Europe Hardware Announcement ZG19-0035
IBM is a registered trademark of International Business Machines Corporation
12
Description
Machine type
Model
Feature
RFID AG/AP:
902-928 MHz
2072
212
A2EV
RFID EMEA:
865.6-867.8 MHz
2072
212
A2EW
Storwize V5000E
Cache Upgrade
2072
212
ALGA
16 Gb FC LW SFP
Transceivers (Pair)
2072
212
ACHU
0.6m SAS Cable
(mSAS HD to
mSAS)
2072
212
ACSA
1.5m SAS Cable
(mSAS HD to
mSAS)
2072
212
ACSB
3m SAS Cable
(mSAS HD to
mSAS)
2072
212
ACSC
1m OM3 Fiber
Cable (LC)
2072
212
ACSQ
5m OM3 Fiber
Cable (LC)
2072
212
ACSR
10m OM3 Fiber
Cable (LC)
2072
212
ACSS
25m OM3 Fiber
Cable (LC)
2072
212
ACST
0.6m 12 Gb SAS
Cable (mSAS HD
to mSAS HD)
2072
212
ACUA
1.5m 12 Gb SAS
Cable (mSAS HD
to mSAS HD)
2072
212
ACUB
3m 12 Gb SAS
Cable (mSAS HD
to mSAS HD)
2072
212
ACUC
6m 12 Gb SAS
Cable (mSAS HD
to mSAS HD)
2072
212
ACUE
OEM 1 FC Order
Indicator
2072
212
ACW1
OEM 2 FC Order
Indicator
2072
212
ACW2
OEM 3 FC Order
Indicator
2072
212
ACW3
OEM 4 FC Order
Indicator
2072
212
ACW4
OEM 5 FC Order
Indicator
2072
212
ACW5
OEM 6 FC Order
Indicator
2072
212
ACW6
OEM 7 FC Order
Indicator
2072
212
ACW7
OEM 8 FC Order
Indicator
2072
212
ACW8
OEM 9 FC Order
Indicator
2072
212
ACW9
OEM 10 FC Order
Indicator
2072
212
ACWA
OEM 11 FC Order
Indicator
2072
212
ACWB
OEM 12 FC Order
Indicator
2072
212
ACWC
OEM 13 FC Order
Indicator
2072
212
ACWD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com