Electronic Components Datasheet Search
  English  ▼

X  

V5000E Datasheet(PDF) 4 Page - IBM

Part # V5000E
Description  IBM Storwize V5000E models deliver innovative and simplified storage with enhanced performance to meet the growing needs of small and medium organizations
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IBM [IBM]
Direct Link  http://www.ibm.com
Logo IBM - IBM

V5000E Datasheet(HTML) 4 Page - IBM

  V5000E Datasheet HTML 1Page - IBM V5000E Datasheet HTML 2Page - IBM V5000E Datasheet HTML 3Page - IBM V5000E Datasheet HTML 4Page - IBM V5000E Datasheet HTML 5Page - IBM V5000E Datasheet HTML 6Page - IBM V5000E Datasheet HTML 7Page - IBM V5000E Datasheet HTML 8Page - IBM V5000E Datasheet HTML 9Page - IBM Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
IBM Europe Hardware Announcement ZG19-0035
IBM is a registered trademark of International Business Machines Corporation
4
IBM Storwize family is an industry-leading solution for storage virtualization that
includes technologies to complement and enhance virtual environments, delivering a
simpler, more scalable, and cost-efficient IT infrastructure.
Storwize V5000E models consist of four new control enclosure and three new
expansion enclosure models:
• Storwize V5030E Control Enclosure models 312 and 324
– Two node canisters, each with a six-core processor
– 32 GB cache (16 GB per canister) with optional 64 GB cache (32 GB per
canister)
– 10 Gb iSCSI (copper) connectivity standard with optional 16 Gb FC, 12 Gb
SAS, 10 Gb iSCSI (optical), 25 Gb iSCSI (optical)
– 12 Gb SAS port for expansion enclosure attachment
– Twelve slots for 3.5-inch LFF SAS drives (Model 312) and 24 slots for 2.5-inch
SFF SAS drives (Model 324)
– 2U, 19-inch rack mount enclosure with 100 - 240 V AC or -48 V DC power
supplies
• Storwize V5010E Control Enclosure models 212 and 224
– Two node canisters, each with a two-core processor
– 16 GB cache (8 GB per canister) with optional 32 GB cache (16 GB per
canister) or 64 GB cache (32 GB per canister)
– 1 Gb iSCSI connectivity standard with optional 16 Gb FC, 12 Gb SAS, 10 Gb
iSCSI (optical), 25 Gb iSCSI (optical), 1 Gb iSCSI connectivity
– 12 Gb SAS port for expansion enclosure attachment
– Twelve slots for 3.5-inch LFF SAS drives (Model 212) and 24 slots for 2.5-inch
SFF SAS drives (Model 224)
– 2U, 19-inch rack mount enclosure with 100 - 240 V AC or -48 V DC power
supplies
• Storwize V5000E Expansion Enclosures models 12F and 24F
– Two expansion canisters
– 12 Gb SAS port for control enclosure and expansion enclosure attachment
– Twelve slots for 3.5-inch LFF SAS drives (Model 12F) and 24 slots for 2.5-inch
SFF SAS drives (Model 24F)
– 2U, 19-inch rack mount enclosure with 100 - 240 V AC or -48 V DC power
supplies
• Storwize V5000E Expansion Enclosure Model 92F
– Two expansion canisters
– 12 Gb SAS port for control enclosure and expansion enclosure attachment
– Ninety-two slots for 3.5-inch LFF SAS drives
– 5U, 19-inch rack mount enclosure with 180 - 264 V AC power supplies
All models are available with a three-year warranty.
FC, SAS, and iSCSI connectivity with intermix flexibility
All Storwize V5000E control enclosures include 1 Gb or 10 Gb Ethernet ports
standard for iSCSI connectivity. The standard connectivity can be extended with
additional ports or enhanced with additional connectivity through an optional I/O
adapter card feature. The following configurations are available:
1 Gb
Ethernet
(iSCSi)
10 Gb
Ethernet
-
Copper
(iSCSI)
12 Gb
SAS
16 Gb
FC
10 Gb
Ethernet
-
Optical
(iSCSi)
25 Gb
iSCSI
Ethernet
Storwize
V5030E
N/A
4 ports
(standard)
8 ports
(with
optional
adapter
8 ports
(with
optional
adapter
8 ports
(with
optional
adapter
4ports
(with
optional
adapter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com