Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 155Page - Renesas Technology Corp H838024 Datasheet HTML 156Page - Renesas Technology Corp H838024 Datasheet HTML 157Page - Renesas Technology Corp H838024 Datasheet HTML 158Page - Renesas Technology Corp H838024 Datasheet HTML 159Page - Renesas Technology Corp H838024 Datasheet HTML 160Page - Renesas Technology Corp H838024 Datasheet HTML 161Page - Renesas Technology Corp H838024 Datasheet HTML 162Page - Renesas Technology Corp H838024 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 697 page
background image
Section 4 Clock Pulse Generators
Rev. 7.00 Mar 10, 2005 page 117 of 652
REJ09B0042-0700
amplitude of the oscillation waveform increases and the oscillation frequency stabilizes—that is,
the oscillation stabilization time—is required.
The oscillation stabilization time in the case of these state transitions is the same as the oscillation
stabilization time at power-on (the time from the point at which the power supply voltage reaches
the prescribed level until the oscillation stabilizes), specified by "oscillation stabilization time trc"
in the AC characteristics.
Meanwhile, once the system clock has halted, a wait time of at least 8 states is necessary in order
for the CPU and peripheral functions to operate normally.
Thus, the time required from interrupt generation until operation of the CPU and peripheral
functions is the sum of the above described oscillation stabilization time and wait time. This total
time is called the oscillation stabilization wait time, and is expressed by equation (1) below.
Oscillation stabilization wait time = oscillation stabilization time + wait time
= trc + (8 to 16,384 states)*
1 ................. (1)
(up to 131,072 states)*
2
Notes: 1. H8/38024 Group
2. H8/38124 Group
Therefore, when a transition is made from standby mode, watch mode, or subactive mode, to
active (high-speed/medium-speed) mode, with an oscillator element connected to the system clock
oscillator, careful evaluation must be carried out on the installation circuit before deciding on the
oscillation stabilization wait time. In particular, since the oscillation stabilization time is affected
by installation circuit constants, stray capacitance, and so forth, suitable constants should be
determined in consultation with the oscillator element manufacturer.
4.5.2
Notes on Use of Crystal Oscillator Element (Excluding Ceramic Oscillator
Element)
When a microcomputer operates, the internal power supply potential fluctuates slightly in
synchronization with the system clock. Depending on the individual crystal oscillator element
characteristics, the oscillation waveform amplitude may not be sufficiently large immediately after
the oscillation stabilization wait time, making the oscillation waveform susceptible to influence by
fluctuations in the power supply potential. In this state, the oscillation waveform may be
disrupted, leading to an unstable system clock and erroneous operation of the microcomputer.
If erroneous operation occurs, change the setting of standby timer select bits 2 to 0 (STS2 to
STS0) (bits 6 to 4 in system control register 1 (SYSCR1)) to give a longer wait time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com