Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 152Page - Renesas Technology Corp H838024 Datasheet HTML 153Page - Renesas Technology Corp H838024 Datasheet HTML 154Page - Renesas Technology Corp H838024 Datasheet HTML 155Page - Renesas Technology Corp H838024 Datasheet HTML 156Page - Renesas Technology Corp H838024 Datasheet HTML 157Page - Renesas Technology Corp H838024 Datasheet HTML 158Page - Renesas Technology Corp H838024 Datasheet HTML 159Page - Renesas Technology Corp H838024 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 697 page
background image
Section 4 Clock Pulse Generators
Rev. 7.00 Mar 10, 2005 page 114 of 652
REJ09B0042-0700
4.5
Note on Oscillators
Oscillator characteristics are closely related to board design and should be carefully evaluated by
the user in mask ROM and ZTAT versions, referring to the examples shown in this section.
Oscillator circuit constants will differ depending on the oscillator element, stray capacitance in its
interconnecting circuit, and other factors. Suitable constants should be determined in consultation
with the oscillator element manufacturer. Design the circuit so that the oscillator element never
receives voltages exceeding its maximum rating.
(Vss)
P17
X1
X2
Vss
OSC2
OSC1
TEST
Figure 4.12 Example of Crystal and Ceramic Oscillator Element Arrangement
Figure 4.13 (1) shows an example measuring circuit with the negative resistance suggested by the
resonator manufacturer. Note that if the negative resistance of the circuit is less than that suggested
by the resonator manufacturer, it may be difficult to start the main oscillator.
If it is determined that oscillation is not occurring because the negative resistance is lower than the
level suggested by the resonator manufacturer, the circuit may be modified as shown in figure 4.13
(2) through (4). Which of the modification suggestions to use and the capacitor capacitance should
be decided based upon an evaluation of factors such as the negative resistance and the frequency
deviation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com