Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 148Page - Renesas Technology Corp H838024 Datasheet HTML 149Page - Renesas Technology Corp H838024 Datasheet HTML 150Page - Renesas Technology Corp H838024 Datasheet HTML 151Page - Renesas Technology Corp H838024 Datasheet HTML 152Page - Renesas Technology Corp H838024 Datasheet HTML 153Page - Renesas Technology Corp H838024 Datasheet HTML 154Page - Renesas Technology Corp H838024 Datasheet HTML 155Page - Renesas Technology Corp H838024 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 697 page
background image
Section 4 Clock Pulse Generators
Rev. 7.00 Mar 10, 2005 page 110 of 652
REJ09B0042-0700
External Clock Input Method
Connect an external clock signal to pin OSC1, and leave pin OSC2 open. Figure 4.7 shows a
typical connection.
OSC1
OSC2
External clock input
Open
Figure 4.7 External Clock Input (Example)
Frequency
Oscillator Clock (
φφφφOSC)
Duty cycle
45% to 55%
On-Chip Oscillator Selection Method (H8/38124 Group Only)
The on-chip oscillator is selected by setting the IRQAEC pin input level during resets.* Table 4.3
lists the methods for selecting the system clock oscillator and the on-chip oscillator. The IRQAEC
pin input level set during resets must be fixed at VCC or GND, based on the oscillator to be
selected. It is not necessary to connect an oscillator to pins OSC1 and OSC2 if the on-chip
oscillator is selected. In this case, pin OSC1 should be fixed at VCC or GND.
Note:
The system clock oscillator must be selected in order to program or erase flash memory as
part of operations such as on-board programming. Also, when using the on-chip emulator,
an oscillator should be connected, or an external clock input, even if the on-chip oscillator
is selected.
*
Other than watchdog timer or low-voltage detect circuit reset.
Table 4.3
System Clock Oscillator and On-Chip Oscillator Selection Methods
IRQAEC pin input level (during resets)
01
System clock oscillator
Enabled
Disabled
On-chip oscillator
Disabled
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com