Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 146Page - Renesas Technology Corp H838024 Datasheet HTML 147Page - Renesas Technology Corp H838024 Datasheet HTML 148Page - Renesas Technology Corp H838024 Datasheet HTML 149Page - Renesas Technology Corp H838024 Datasheet HTML 150Page - Renesas Technology Corp H838024 Datasheet HTML 151Page - Renesas Technology Corp H838024 Datasheet HTML 152Page - Renesas Technology Corp H838024 Datasheet HTML 153Page - Renesas Technology Corp H838024 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 697 page
background image
Section 4 Clock Pulse Generators
Rev. 7.00 Mar 10, 2005 page 108 of 652
REJ09B0042-0700
Table 4.2
Crystal Oscillator Parameters
Frequency (MHz)
4
4.193
RS max (
Ω)
100
100
C0 max (pF)
16
16
Connecting a Ceramic Oscillator
Figure 4.5(1) shows a typical method of connecting a ceramic oscillator to the H8/38024 or
H8/38024R Group, and figure 4.5(2) shows a typical method of connecting a crystal oscillator to
the H8/38024S and H8/38124 Group.
1
2
C1
C2
OSC
OSC
Rf
R = 1 M
±20%
f
Ω
Frequency
Ceramic
oscillator
4.0 MHz
Murata
30 pF
±10%
C1, C2
Recommendation
value
Figure 4.5(1) Typical Connection to Ceramic Oscillator
(H8/38024, H8/38024R Group)
Frequency
2.0 MHz
10.0 MHz
16.0 MHz*1
20.0 MHz*2
Murata
Ceramic
oscillator
Products name
Ceramic oscillator
Rf = 1 M
Ω ±20%
OSC1
OSC2
Rf
C1
C2
CSTCC2M00G53-B0
CSTCC2M00G56-B0
CSTLS10M0G53-B0
CSTLS10M0G56-B0
CSTLS16M0X53-B0
CSTLS20M0X53-B0
15 pF
±20%
47 pF
±20%
15 pF
±20%
47 pF
±20%
15 pF
±20%
15 pF
±20%
C1, C2
Recommendation
value
Notes: Circuit constants should be determined in consultation
with the resonator manufacturer.
1. This does not apply to the H8/38024S Group.
2. H8/38124 Group only
Figure 4.5(2) Typical Connection to Ceramic Oscillator
(H8/38024S, H8/38124 Group)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com