Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 171Page - Renesas Technology Corp H838024 Datasheet HTML 172Page - Renesas Technology Corp H838024 Datasheet HTML 173Page - Renesas Technology Corp H838024 Datasheet HTML 174Page - Renesas Technology Corp H838024 Datasheet HTML 175Page - Renesas Technology Corp H838024 Datasheet HTML 176Page - Renesas Technology Corp H838024 Datasheet HTML 177Page - Renesas Technology Corp H838024 Datasheet HTML 178Page - Renesas Technology Corp H838024 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 697 page
background image
Section 5 Power-Down Modes
Rev. 7.00 Mar 10, 2005 page 133 of 652
REJ09B0042-0700
5.4.2
Clearing Watch Mode
Watch mode is cleared by an interrupt (timer A, timer F, timer G, IRQ0, or WKP7 to WKP0) or
by input at the
RES pin.
• Clearing by interrupt
When watch mode is cleared by interrupt, the mode to which a transition is made depends on
the settings of LSON in SYSCR1 and MSON in SYSCR2. If both LSON and MSON are
cleared to 0, transition is to active (high-speed) mode; if LSON = 0 and MSON = 1, transition
is to active (medium-speed) mode; if LSON = 1, transition is to subactive mode. When the
transition is to active mode, after the time set in SYSCR1 bits STS2 to STS0 has elapsed, a
stable clock signal is supplied to the entire chip, watch mode is cleared, and interrupt exception
handling starts. Watch mode is not cleared if the I bit of CCR is set to 1 or the particular
interrupt is disabled in the interrupt enable register.
• Clearing by RES input
Clearing by
RES pin is the same as for standby mode; see 2. Clearing by RES pin in section
5.3.2, Clearing Standby Mode.
5.4.3
Oscillator StabilizationTime after Watch Mode is Cleared
The wait time is the same as for standby mode; see section 5.3.3, Oscillator Stabilization Time
after Standby Mode is Cleared.
5.4.4
Notes on External Input Signal Changes before/after Watch Mode
See section 5.3.5, Notes on External Input Signal Changes before/after Standby Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com