Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 172Page - Renesas Technology Corp H838024 Datasheet HTML 173Page - Renesas Technology Corp H838024 Datasheet HTML 174Page - Renesas Technology Corp H838024 Datasheet HTML 175Page - Renesas Technology Corp H838024 Datasheet HTML 176Page - Renesas Technology Corp H838024 Datasheet HTML 177Page - Renesas Technology Corp H838024 Datasheet HTML 178Page - Renesas Technology Corp H838024 Datasheet HTML 179Page - Renesas Technology Corp H838024 Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 697 page
background image
Section 5 Power-Down Modes
Rev. 7.00 Mar 10, 2005 page 134 of 652
REJ09B0042-0700
5.5
Subsleep Mode
5.5.1
Transition to Subsleep Mode
The system goes from subactive mode to subsleep mode when a SLEEP instruction is executed
while the SSBY bit in SYSCR1 is cleared to 0, LSON bit in SYSCR1 is set to 1, and TMA3 bit in
TMA is set to 1. In subsleep mode, operation of on-chip peripheral modules other than the A/D
converter and PWM is in active state. As long as a minimum required voltage is applied, the
contents of CPU registers, the on-chip RAM and some registers of the on-chip peripheral modules
are retained. I/O ports keep the same states as before the transition.
5.5.2
Clearing Subsleep Mode
Subsleep mode is cleared by an interrupt (timer A, timer C, timer F, timer G, asynchronous event
counter, SCI3, IRQAEC, IRQ4, IRQ3, IRQ1, IRQ0, WKP7 to WKP0) or by a low input at the
RES
pin.
• Clearing by interrupt
When an interrupt is requested, subsleep mode is cleared and interrupt exception handling
starts. Subsleep mode is not cleared if the I bit of CCR is set to 1 or the particular interrupt is
disabled in the interrupt enable register.
To synchronize the interrupt request signal with the system clock, up to 2/
φ
SUB(s) delay may
occur after the interrupt request signal occurrence, before the interrupt exception handling
start.
• Clearing by RES input
Clearing by
RES pin is the same as for standby mode; see Clearing by RES pin in section
5.3.2, Clearing Standby Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com