Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 176Page - Renesas Technology Corp H838024 Datasheet HTML 177Page - Renesas Technology Corp H838024 Datasheet HTML 178Page - Renesas Technology Corp H838024 Datasheet HTML 179Page - Renesas Technology Corp H838024 Datasheet HTML 180Page - Renesas Technology Corp H838024 Datasheet HTML 181Page - Renesas Technology Corp H838024 Datasheet HTML 182Page - Renesas Technology Corp H838024 Datasheet HTML 183Page - Renesas Technology Corp H838024 Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 697 page
background image
Section 5 Power-Down Modes
Rev. 7.00 Mar 10, 2005 page 138 of 652
REJ09B0042-0700
• Direct transfer from active (medium-speed) mode to subactive mode
When a SLEEP instruction is executed in active (medium-speed) mode while the SSBY and
LSON bits in SYSCR1 are set to 1, the DTON bit in SYSCR2 is set to 1, and the TMA3 bit in
TMA is set to 1, a transition is made to subactive mode via watch mode.
• Direct transfer from subactive mode to active (medium-speed) mode
When a SLEEP instruction is executed in subactive mode while the SSBY bit in SYSCR1 is
set to 1, the LSON bit in SYSCR1 is cleared to 0, the MSON bit in SYSCR2 is set to 1, the
DTON bit in SYSCR2 is set to 1, and the TMA3 bit in TMA is set to 1, a transition is made
directly to active (medium-speed) mode via watch mode after the waiting time set in SYSCR1
bits STS2 to STS0 has elapsed.
5.8.2
Direct Transition Times
1. Time for direct transition from active (high-speed) mode to active (medium-speed) mode
A direct transition from active (high-speed) mode to active (medium-speed) mode is performed by
executing a SLEEP instruction in active (high-speed) mode while bits SSBY and LSON are both
cleared to 0 in SYSCR1, and bits MSON and DTON are both set to 1 in SYSCR2. The time from
execution of the SLEEP instruction to the end of interrupt exception handling (the direct transition
time) is given by equation (1) below.
Direct transition time = { (Number of SLEEP instruction execution states) + (number of internal
processing states) } • (tcyc before transition) + (number of interrupt
exception handling execution states) • (tcyc after transition)
.................................. (1)
Example: Direct transition time = (2 + 1) • 2tosc + 14 • 16tosc = 230tosc (when
φ/8 is selected as
the CPU operating clock)
[Legend]
tosc: OSC clock cycle time
tcyc: System clock (
φ) cycle time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com