Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 179Page - Renesas Technology Corp H838024 Datasheet HTML 180Page - Renesas Technology Corp H838024 Datasheet HTML 181Page - Renesas Technology Corp H838024 Datasheet HTML 182Page - Renesas Technology Corp H838024 Datasheet HTML 183Page - Renesas Technology Corp H838024 Datasheet HTML 184Page - Renesas Technology Corp H838024 Datasheet HTML 185Page - Renesas Technology Corp H838024 Datasheet HTML 186Page - Renesas Technology Corp H838024 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 697 page
background image
Section 5 Power-Down Modes
Rev. 7.00 Mar 10, 2005 page 141 of 652
REJ09B0042-0700
5.9
Module Standby Mode
5.9.1
Setting Module Standby Mode
Module standby mode is set for individual peripheral functions. All the on-chip peripheral
modules can be placed in module standby mode. When a module enters module standby mode,
the system clock supply to the module is stopped and operation of the module halts. This state is
identical to standby mode.
Module standby mode is set for a particular module by setting the corresponding bit to 0 in clock
stop register 1 (CKSTPR1) or clock stop register 2 (CKSTPR2). (See table 5.5.)
5.9.2
Clearing Module Standby Mode
Module standby mode is cleared for a particular module by setting the corresponding bit to 1 in
clock stop register 1 (CKSTPR1) or clock stop register 2 (CKSTPR2). (See table 5.5.)
Following a reset, clock stop register 1 (CKSTPR1) and clock stop register 2 (CKSTPR2) are both
initialized to H'FF.
Table 5.5
Setting and Clearing Module Standby Mode by Clock Stop Register
Register Name
Bit Name
Operation
CKSTPR1
TACKSTP
1
Timer A module standby mode is cleared
0
Timer A is set to module standby mode
TCCKSTP
1
Timer C module standby mode is cleared
0
Timer C is set to module standby mode
TFCKSTP
1
Timer F module standby mode is cleared
0
Timer F is set to module standby mode
TGCKSTP
1
Timer G module standby mode is cleared
0
Timer G is set to module standby mode
ADCKSTP
1
A/D converter module standby mode is cleared
0
A/D converter is set to module standby mode
S32CKSTP
1
SCI3 module standby mode is cleared
0
SCI3 is set to module standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com