Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 181Page - Renesas Technology Corp H838024 Datasheet HTML 182Page - Renesas Technology Corp H838024 Datasheet HTML 183Page - Renesas Technology Corp H838024 Datasheet HTML 184Page - Renesas Technology Corp H838024 Datasheet HTML 185Page - Renesas Technology Corp H838024 Datasheet HTML 186Page - Renesas Technology Corp H838024 Datasheet HTML 187Page - Renesas Technology Corp H838024 Datasheet HTML 188Page - Renesas Technology Corp H838024 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 697 page
background image
Section 6 ROM
Rev. 7.00 Mar 10, 2005 page 143 of 652
REJ09B0042-0700
Section 6 ROM
6.1
Overview
The H8/38024, H8/38024S, and H8/38124 have 32 Kbytes of on-chip mask ROM, the H8/38023,
H8/38023S, and H8/38123 have 24 Kbytes, the H8/38022, H8/38022S, and H8/38122 have 16
Kbytes, the H8/38021, H8/38021S, and H8/38121 have 12 Kbytes, and the H8/38020, H8/38020S,
and H8/38120 have 8 Kbytes. The ROM is connected to the CPU by a 16-bit data bus, allowing
high-speed two-state access for both byte data and word data. The H8/38024 has a ZTAT version
and F-ZTAT version with 32-Kbyte PROM and flash memory. F-ZTAT™ versions of the
H8/38124 and H8/38122 are available. The former has 32 Kbytes, and the latter 16 Kbytes, of
flash memory.
6.1.1
Block Diagram
Figure 6.1 shows a block diagram of the on-chip ROM.
H'7FFE
H'7FFF
Internal data bus (upper 8 bits)
Internal data bus (lower 8 bits)
Even-numbered
address
Odd-numbered
address
H'7FFE
H'0002
H'0000
H'0000
H'0002
H'0001
H'0003
On-chip ROM
Figure 6.1 ROM Block Diagram (H8/38024)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com