Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 220Page - Renesas Technology Corp H838024 Datasheet HTML 221Page - Renesas Technology Corp H838024 Datasheet HTML 222Page - Renesas Technology Corp H838024 Datasheet HTML 223Page - Renesas Technology Corp H838024 Datasheet HTML 224Page - Renesas Technology Corp H838024 Datasheet HTML 225Page - Renesas Technology Corp H838024 Datasheet HTML 226Page - Renesas Technology Corp H838024 Datasheet HTML 227Page - Renesas Technology Corp H838024 Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 697 page
background image
Section 6 ROM
Rev. 7.00 Mar 10, 2005 page 182 of 652
REJ09B0042-0700
6.10.4
Auto-Program Mode
1. When reprogramming previously programmed addresses, perform auto-erasing before auto-
programming.
2. Perform auto-programming once only on the same address block. It is not possible to program
an address block that has already been programmed.
3. In auto-program mode, 128 bytes are programmed simultaneously. This should be carried out
by executing 128 consecutive byte transfers. A 128-byte data transfer is necessary even when
programming fewer than 128 bytes. In this case, H'FF data must be written to the extra
addresses.
4. The lower 7 bits of the transfer address must be low. If a value other than an effective address
is input, processing will switch to a memory write operation but a write error will be flagged.
5. Memory address transfer is performed in the second cycle (figure 6.17). Do not perform
transfer after the third cycle.
6. Do not perform a command write during a programming operation.
7. Perform one auto-program operation for a 128-byte block for each address. Two or more
additional programming operations cannot be performed on a previously programmed address
block.
8. Confirm normal end of auto-programming by checking I/O6. Alternatively, status read mode
can also be used for this purpose (I/O7 status polling uses the auto-program operation end
decision pin).
9. Status polling I/O6 and I/O7 pin information is retained until the next command write. As long
as the next command write has not been performed, reading is possible by enabling
CE and
OE.
10. Table 6.17 shows the AC characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com