Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 221Page - Renesas Technology Corp H838024 Datasheet HTML 222Page - Renesas Technology Corp H838024 Datasheet HTML 223Page - Renesas Technology Corp H838024 Datasheet HTML 224Page - Renesas Technology Corp H838024 Datasheet HTML 225Page - Renesas Technology Corp H838024 Datasheet HTML 226Page - Renesas Technology Corp H838024 Datasheet HTML 227Page - Renesas Technology Corp H838024 Datasheet HTML 228Page - Renesas Technology Corp H838024 Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 697 page
background image
Section 6 ROM
Rev. 7.00 Mar 10, 2005 page 183 of 652
REJ09B0042-0700
Table 6.17
AC Characteristics in Auto-Program Mode
Conditions: VCC = 3.3 V ±0.3 V, VSS = 0 V, Ta = 25°C ±5°C
Item
Symbol
Min
Max
Unit
Notes
Command write cycle
tnxtc
20
—
µs
Figure 6.17
CE hold time
tceh
0—
ns
CE setup time
tces
0—
ns
Data hold time
tdh
50
—
ns
Data setup time
tds
50
—
ns
Write pulse width
twep
70
—
ns
Status polling start time
twsts
1—
ms
Status polling access time
tspa
—
150
ns
Address setup time
tas
0—
ns
Address hold time
tah
60
—
ns
Memory write time
twrite
1
3000
ms
WE rise time
tr
—30
ns
WE fall time
tf
—30
ns
CE
A15
−A0
OE
WE
I/O7
I/O6
I/O5
−I/O0
twep
tds
tdh
tf
tr
tas
tah
twsts
twrite
tspa
tces
tceh
tnxtc
tnxtc
Address
stable
H'40
H'00
Data transfer
1 to 128 bytes
Write operation end decision signal
Write normal end decision signal
Figure 6.17 Auto-Program Mode Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com