Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 276Page - Renesas Technology Corp H838024 Datasheet HTML 277Page - Renesas Technology Corp H838024 Datasheet HTML 278Page - Renesas Technology Corp H838024 Datasheet HTML 279Page - Renesas Technology Corp H838024 Datasheet HTML 280Page - Renesas Technology Corp H838024 Datasheet HTML 281Page - Renesas Technology Corp H838024 Datasheet HTML 282Page - Renesas Technology Corp H838024 Datasheet HTML 283Page - Renesas Technology Corp H838024 Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 238 of 652
REJ09B0042-0700
Port Data Register B (PDRB)
Bit
Read/Write
7
PB7
R
6
PB6
R
5
PB5
R
4
PB4
R
3
PB
R
0
PB
R
2
PB
R
1
PB
R
32
1
0
Reading PDRB always gives the pin states. However, if a port B pin is selected as an analog input
channel for the A/D converter by AMR bits CH3 to CH0, that pin reads 0 regardless of the input
voltage.
Port Mode Register B (PMRB)
Bit
Initial value
Read/Write
7
1
6
1
5
1
4
1
3
IRQ1
0
R/W
0
1
2
1
1
1
PMRB is an 8-bit read/write register controlling the selection of the PB3 pin function. Upon reset,
PMRB is initialized to H'F7.
Bits 7 to 4 and 2 to 0—Reserved
Bits 7 to 4 and 2 to 0 are reserved; they are always read as 1 and cannot be modified.
Bit 3—PB3/AN3/
IRQ
1 Pin Function Switch (IRQ1)
These bits select whether pin PB3/AN3/
IRQ
1 is used as PB3/AN3 or as
IRQ
1/TMIC.
Bit 3
IRQ1
Description
0
Functions as PB3/AN3 input pin
(initial value)
1
Functions as
IRQ
1/TMIC input pin
Note:
Rising or falling edge sensing can be selected for the
IRQ
1/TMIC pin.
For TMIC pin setting information, see the Timer More Register C (TMC) description in section
9.3.2, Register Descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com