Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 279Page - Renesas Technology Corp H838024 Datasheet HTML 280Page - Renesas Technology Corp H838024 Datasheet HTML 281Page - Renesas Technology Corp H838024 Datasheet HTML 282Page - Renesas Technology Corp H838024 Datasheet HTML 283Page - Renesas Technology Corp H838024 Datasheet HTML 284Page - Renesas Technology Corp H838024 Datasheet HTML 285Page - Renesas Technology Corp H838024 Datasheet HTML 286Page - Renesas Technology Corp H838024 Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 241 of 652
REJ09B0042-0700
8.12.2
Register Configuration and Descriptions
Table 8.31 shows the registers used by the input/output data inversion function.
Table 8.31
Register Configuration
Name
Abbr.
R/W
Address
Serial port control register
SPCR
R/W
H'FF91
Serial Port Control Register (SPCR)
Bit
Initial value
Read/Write
7
1
6
1
5
SPC32
0
R/W
4
W
3
SCINV3
0
R/W
0
W
2
SCINV2
0
R/W
1
W
SPCR is an 8-bit readable/writable register that performs RXD32 and TXD32 pin input/output data
inversion switching.
Bits 7 and 6—Reserved
Bits 7 and 6 are reserved; they are always read as 1 and cannot be modified.
Bit 5—P42/TXD32 Pin Function Switch (SPC32)
This bit selects whether pin P42/TXD32 is used as P42 or as TXD32.
Bit 5
SPC32
Description
0
Functions as P42 I/O pin
(initial value)
1
Functions as TXD32 output pin*
Note: * Set the TE bit in SCR3 after setting this bit to 1.
Bit 4—Reserved
Bit 4 is reserved; it can only be written with 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com