Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 283Page - Renesas Technology Corp H838024 Datasheet HTML 284Page - Renesas Technology Corp H838024 Datasheet HTML 285Page - Renesas Technology Corp H838024 Datasheet HTML 286Page - Renesas Technology Corp H838024 Datasheet HTML 287Page - Renesas Technology Corp H838024 Datasheet HTML 288Page - Renesas Technology Corp H838024 Datasheet HTML 289Page - Renesas Technology Corp H838024 Datasheet HTML 290Page - Renesas Technology Corp H838024 Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 245 of 652
REJ09B0042-0700
Section 9 Timers
9.1
Overview
This LSI provides six timers: timers A, C, F, G, and a watchdog timer, and an asynchronous event
counter. The functions of these timers are outlined in table 9.1.
Table 9.1
Timer Functions
Name
Functions
Internal Clock
Event
Input Pin
Waveform
Output Pin
Remarks
Timer A
•
8-bit timer
——
•
Interval function
φ/8 to φ/8192
(8 choices)
•
Time base
φw/128 (choice of 4
overflow periods)
Timer C
•
8-bit timer
•
Interval function
•
Event counting function
•
Up-count/down-count
selectable
φ/4 to φ/8192, φ
W/4
(7 choices)
TMIC
—
Up-count/
down-count
controllable by
software or
hardware
Timer F
•
16-bit timer
•
Event counting function
•
Also usable as two
independent 8-bit timers
•
Output compare output
function
φ/4 to φ/32, φw/4
(4 choices)
TMIF
TMOFL
TMOFH
Timer G
•
8-bit timer
•
Input capture function
•
Interval function
φ/2 to φ/64, φ
W/4
(4 choices)
TMIG
—
Counter
clearing option
Built-in capture
input signal
noise canceler
Watchdog
timer*
•
Reset signal generated
when 8-bit counter
overflows
φ/8192
φ
W/32
—
—
H8/38024,
H8/38024S,
H8/38024R
Group
φ/64 to φ/8192
φ
W/32
On-chip
oscillator
H8/38124
Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com