Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 291 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 291 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 287Page - Renesas Technology Corp H838024 Datasheet HTML 288Page - Renesas Technology Corp H838024 Datasheet HTML 289Page - Renesas Technology Corp H838024 Datasheet HTML 290Page - Renesas Technology Corp H838024 Datasheet HTML 291Page - Renesas Technology Corp H838024 Datasheet HTML 292Page - Renesas Technology Corp H838024 Datasheet HTML 293Page - Renesas Technology Corp H838024 Datasheet HTML 294Page - Renesas Technology Corp H838024 Datasheet HTML 295Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 249 of 652
REJ09B0042-0700
Bits 3 to 0—Internal Clock Select (TMA3 to TMA0)
Bits 3 to 0 select the clock input to TCA. The selection is made as follows.
Description
Bit 3
TMA3
Bit 2
TMA2
Bit 1
TMA1
Bit 0
TMA0
Prescaler and Divider Ratio
or Overflow Period
Function
0000
PSS,
φ/8192
(initial value) Interval timer
1
PSS,
φ/4096
1
0
PSS,
φ/2048
1
PSS,
φ/512
1
0
0
PSS,
φ/256
1
PSS,
φ/128
1
0
PSS,
φ/32
1
PSS,
φ/8
1000PSW, 1 s
Clock time
1
PSW, 0.5 s
base
1
0
PSW, 0.25 s
(when using
1
PSW, 0.03125 s
32.768 kHz)
100PSW and TCA are reset
1
10
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com