Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 292 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 292 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 288Page - Renesas Technology Corp H838024 Datasheet HTML 289Page - Renesas Technology Corp H838024 Datasheet HTML 290Page - Renesas Technology Corp H838024 Datasheet HTML 291Page - Renesas Technology Corp H838024 Datasheet HTML 292Page - Renesas Technology Corp H838024 Datasheet HTML 293Page - Renesas Technology Corp H838024 Datasheet HTML 294Page - Renesas Technology Corp H838024 Datasheet HTML 295Page - Renesas Technology Corp H838024 Datasheet HTML 296Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 250 of 652
REJ09B0042-0700
Timer Counter A (TCA)
Bit
Initial value
Read/Write
7
TCA7
0
R
6
TCA6
0
R
5
TCA5
0
R
4
TCA4
0
R
3
TCA3
0
R
0
TCA0
0
R
2
TCA2
0
R
1
TCA1
0
R
TCA is an 8-bit read-only up-counter, which is incremented by internal clock input. The clock
source for input to this counter is selected by bits TMA3 to TMA0 in timer mode register A
(TMA). TCA values can be read by the CPU in active mode, but cannot be read in subactive
mode. When TCA overflows, the IRRTA bit in interrupt request register 1 (IRR1) is set to 1.
TCA is cleared by setting bits TMA3 and TMA2 of TMA to 11.
Upon reset, TCA is initialized to H'00.
Clock Stop Register 1 (CKSTPR1)
TFCKSTP TCCKSTP TACKSTP
S32CKSTP ADCKSTP TGCKSTP
7
6
543210
1
1111111
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
Read/Write:
CKSTPR1 is an 8-bit read/write register that performs module standby mode control for peripheral
modules. Only the bit relating to timer A is described here. For details of the other bits, see the
sections on the relevant modules.
Bit 0—Timer A Module Standby Mode Control (TACKSTP)
Bit 0 controls setting and clearing of module standby mode for timer A.
TACKSTP
Description
0
Timer A is set to module standby mode
1
Timer A module standby mode is cleared
(initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com