| Electronic Components Datasheet Search |
|
H838024 Datasheet(PDF) 318 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H838024 Datasheet(HTML) 318 Page - Renesas Technology Corp |
|
318 / 697 page ![]() Section 9 Timers Rev. 7.00 Mar 10, 2005 page 276 of 652 REJ09B0042-0700 TCF Clear Timing TCF can be cleared by a compare match with OCRF. Timer Overflow Flag (OVF) Set Timing OVF is set to 1 when TCF overflows from H'FFFF to H'0000. Compare Match Flag Set Timing The compare match flag (CMFH or CMFL) is set to 1 when the TCF and OCRF values match. The compare match signal is generated in the last state during which the values match (when TCF is updated from the matching value to a new value). When TCF matches OCRF, the compare match signal is not generated until the next counter clock. Timer F Operation Modes Timer F operation modes are shown in table 9.9. Table 9.9 Timer F Operation Modes Operation Mode Reset Active Sleep Watch Sub- active Sub- sleep Standby Module Standby TCF Reset Functions Functions Functions/ Halted* Functions/ Halted* Functions/ Halted* Halted Halted OCRF Reset Functions Held Held Functions Held Held Held TCRF Reset Functions Held Held Functions Held Held Held TCSRF Reset Functions Held Held Functions Held Held Held Note: * When φ w/4 is selected as the TCF internal clock in active mode or sleep mode, since the system clock and internal clock are mutually asynchronous, synchronization is maintained by a synchronization circuit. This results in a maximum count cycle error of 1/ φ (s). When the counter is operated in subactive mode, watch mode, or subsleep mode, φ w/4 must be selected as the internal clock. The counter will not operate if any other internal clock is selected. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |