Electronic Components Datasheet Search
  English  ▼

X  

UDA1321 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # UDA1321
Description  Universal Serial Bus USB Digital-to-Analog Converter DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1321 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button UDA1321 Datasheet HTML 13Page - NXP Semiconductors UDA1321 Datasheet HTML 14Page - NXP Semiconductors UDA1321 Datasheet HTML 15Page - NXP Semiconductors UDA1321 Datasheet HTML 16Page - NXP Semiconductors UDA1321 Datasheet HTML 17Page - NXP Semiconductors UDA1321 Datasheet HTML 18Page - NXP Semiconductors UDA1321 Datasheet HTML 19Page - NXP Semiconductors UDA1321 Datasheet HTML 20Page - NXP Semiconductors UDA1321 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
1998 Oct 06
17
Philips Semiconductors
Preliminary specification
Universal Serial Bus (USB)
Digital-to-Analog Converter (DAC)
UDA1321
0
1
0
0
1
1
0
1
19.25
13.7
0
19.2
...
0
0
1
1
1
0
1
1
21.25
13.7
0
21.2
...
0
1
0
1
0
1
0
1
23.25
13.7
0
23.2
...
0
1
1
0
0
1
0
1
25.25
13.7
0
23.2
...
0
1
1
0
1
1
0
1
27.25
13.7
0
23.2
...
0
1
1
1
0
1
0
1
29.25
13.7
0
23.2
...
0
1
1
1
1
1
0
1
31.25
13.7
0
23.2
...
0
1
1
1
1
1
1
1
31.75
13.7
0
23.2
bBASS
BASS USB
SIDE (dB)
BASS USB DAC (dB)
B7
B6
B5
B4
B3
B2
B1
B0
minimum
flat
maximum
DYNAMIC BASS BOOST CONTROL
Bass boost is one of the sound features as defined in the
“USB Device Class Definition for Audio Devices”.
The bass boost control request data bBassBoost controls
the position of the bass boost switch. The position can be
either on or off. When bBassBoost is true the bass boost
is activated. When bBassBoost is false the bass boost is
off.
When clipping prevention is active, the bass is reduced to
avoid clipping with high volume settings. Bass boost is
selectable via the configuration map (see Table 6).
If byte 19H is loaded with 00H, bass boost is not reported
to the USB host by the device.
Clipping prevention
If the maximum of the bass plus volume gives clipping, the
Bass is reduced. Clipping prevention is selectable via the
configuration map.
De-emphasis
De-emphasis is one of the properties which is not
supported by the USB. De-emphasis for 44.1 kHz can be
predefined in the configuration map selected at start-up of
the UDA1321.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com