Electronic Components Datasheet Search
  English  ▼

X  

UDA1321 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # UDA1321
Description  Universal Serial Bus USB Digital-to-Analog Converter DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1321 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button UDA1321 Datasheet HTML 16Page - NXP Semiconductors UDA1321 Datasheet HTML 17Page - NXP Semiconductors UDA1321 Datasheet HTML 18Page - NXP Semiconductors UDA1321 Datasheet HTML 19Page - NXP Semiconductors UDA1321 Datasheet HTML 20Page - NXP Semiconductors UDA1321 Datasheet HTML 21Page - NXP Semiconductors UDA1321 Datasheet HTML 22Page - NXP Semiconductors UDA1321 Datasheet HTML 23Page - NXP Semiconductors UDA1321 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
1998 Oct 06
20
Philips Semiconductors
Preliminary specification
Universal Serial Bus (USB)
Digital-to-Analog Converter (DAC)
UDA1321
Table 6
Control options for the UDA1321 via the EEPROM configuration map; note 1
BYTE
(HEX)
REGISTER
NAME
COMMENTS
BIT
VALUE
0
−
recognition pattern; do not change it
AAH
1
−
recognition pattern; do not change it
55H
2
ASR control register
robust word clock
7
0 = off
1=on
serial I2S-bus output format
6 and 5
00 = I2S-bus
01 = 16-bit LSB
10 = 18-bit LSB
11 = 20-bit LSB
phase inversion
4
0 = mono phase inversion off
1 = mono phase inversion on
bits per sample modi
3 and 2
00 = reserved
01 = 8-bit audio
10 = 16-bit audio
11 = 24-bit audio
audio mode
1
0 = mono
1 = stereo
ASR register start-up mode
0
0 = stop
1=go
3
ADAC mode register 0
selection ADAC mode register
7
0
audio feature mode
6 and 5
00 = flat
01 = minimum
10 = minimum
11 = maximum
de-emphasis
4
0 = de-emphasis off
1 = de-emphasis on
channel manipulation
3
0 = L
⇒ L, R ⇒ R
1=L
⇒ R, R ⇒ L
synchronous/asynchronous control
2
0 = asynchronous
1 = synchronous
mute control
1
0 = no mute
1 = mute active
reset ADAC
0
0 = no reset ADAC
1 = reset ADAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com