Electronic Components Datasheet Search
  English  ▼

X  

UDA1321 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # UDA1321
Description  Universal Serial Bus USB Digital-to-Analog Converter DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1321 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button UDA1321 Datasheet HTML 24Page - NXP Semiconductors UDA1321 Datasheet HTML 25Page - NXP Semiconductors UDA1321 Datasheet HTML 26Page - NXP Semiconductors UDA1321 Datasheet HTML 27Page - NXP Semiconductors UDA1321 Datasheet HTML 28Page - NXP Semiconductors UDA1321 Datasheet HTML 29Page - NXP Semiconductors UDA1321 Datasheet HTML 30Page - NXP Semiconductors UDA1321 Datasheet HTML 31Page - NXP Semiconductors UDA1321 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
1998 Oct 06
28
Philips Semiconductors
Preliminary specification
Universal Serial Bus (USB)
Digital-to-Analog Converter (DAC)
UDA1321
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
2. Equivalent to discharging a 200 pF capacitor through a 2.5
µH series inductor and a 25 Ω resistor.
For pin VDDO the electrostatic handling is limited to 250 V.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
All digital I/Os
VI/O
DC input/output voltage range
−0.5
−
VDD
V
IO
output current
−−
4mA
Temperature
Tj
junction temperature
0
−
125
°C
Tstg
storage temperature
−55
−
+150
°C
Tamb
operating ambient temperature
0
25
70
°C
Electrostatic handling
Ves
electrostatic handling
note 1
−3000
−
+3000
V
note 2
−300
−
+300
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
QFP64
48
K/W
SDIP32
57
K/W
SO28
65
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com