| Electronic Components Datasheet Search |
|
UDA1321 Datasheet(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
UDA1321 Datasheet(HTML) 24 Page - NXP Semiconductors |
|
24 / 44 page ![]() 1998 Oct 06 24 Philips Semiconductors Preliminary specification Universal Serial Bus (USB) Digital-to-Analog Converter (DAC) UDA1321 Table 7 No digital I/O communication Notes 1. The input pins must have a pull-up resistor. 2. Connect/disconnect: holds the USB ‘disconnected’ as long as the initialization is not finished. 3. Alarm mute: input to switch the sound off; specially used if the USB host program does not respond to the control.This pin acts directly on the sound and passes the mute to the USB host. 4. Standby is switched on (output becomes LOW) after a programmable time if mute is active (see Byte 18 of Table 6). 5. Mute is switched on (output becomes LOW) after a programmable time if the isochronous data flow is interrupted (see Byte 17 of Table 6). 6. For selection between HID/LED application see configuration map byte 11 (output is active HIGH). Table 8 4-pins digital I/O communication Notes 1. Connect/disconnect: holds the USB ‘disconnected’ as long as the initialization is not finished. 2. Alarm mute: input to switch the sound off; specially used if the USB host program does not respond to the control. This pin acts directly on the sound and passes the mute to the USB host. PIN INPUT/OUTPUT FUNCTION 1 FUNCTION 2 GP5 output; not programmable; note 2 connect/disconnect connect/disconnect GP4 inputs; programmable; note 1 alarm mute; note 3 HID input 3 GP3 HID input 2 HID input 2 GP0 HID input 1 HID input 1 GP2 outputs; programmable standby; note 4 HID/LED output 2; note 6 GP1 mute; note 5 HID/LED output 1; note 6 PIN INPUT/OUTPUT FUNCTION 1 FUNCTION 2 GP5 output; not programmable; note 1 connect/disconnect connect/disconnect GP4 digital I/O-bus BCKO BCKO GP3 WSO WSO GP2 DO DO GP1 DI DI GP0 input; programmable HID input 1 alarm mute; note 2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |