Electronic Components Datasheet Search
  English  ▼

X  

UDA1321 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # UDA1321
Description  Universal Serial Bus USB Digital-to-Analog Converter DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1321 Datasheet(HTML) 3 Page - NXP Semiconductors

  UDA1321 Datasheet HTML 1Page - NXP Semiconductors UDA1321 Datasheet HTML 2Page - NXP Semiconductors UDA1321 Datasheet HTML 3Page - NXP Semiconductors UDA1321 Datasheet HTML 4Page - NXP Semiconductors UDA1321 Datasheet HTML 5Page - NXP Semiconductors UDA1321 Datasheet HTML 6Page - NXP Semiconductors UDA1321 Datasheet HTML 7Page - NXP Semiconductors UDA1321 Datasheet HTML 8Page - NXP Semiconductors UDA1321 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
1998 Oct 06
3
Philips Semiconductors
Preliminary specification
Universal Serial Bus (USB)
Digital-to-Analog Converter (DAC)
UDA1321
The control information becomes accessible at the
microcontroller. The audio information becomes available
at the digital I/O output or is fed directly to the ADAC.
The microcontroller handles the high-level USB protocols,
translates the incoming control requests and manages the
user interface via General Purpose (GP) pins and an
I2C-bus.
The ADAC enables the wide and continuous range of input
sampling frequencies. By means of a Sample Frequency
Generator (SFG), the ADAC is able to reconstruct the
average sample frequency from the incoming audio
samples. The ADAC also performs the sound processing.
The ADAC consists of FIFO registers, a unique audio
feature processing DSP, the SFG, digital up-sampling
filters, a variable hold register, a Noise Shaper (NS) and a
Filter Stream DAC (FSDAC) with integrated filter and line
output drivers. The audio information is applied to the
ADAC via the USB processor or via the digital I/O input.
An external DSP can be used for adding extra sound
processing features via the digital I/O-bus.
The UDA1321 supports the standard I2S-bus data input
format and the LSB-justified serial data input format with
word lengths of 16, 18 and 20 bits.
The wide dynamic range of the bitstream conversion
technique used in the UDA1321 guarantees a high audio
sound quality.
QUICK REFERENCE DATA
Notes
1. VDD is the supply voltage on pins VDDA, VDDE, VDDI and VDDX. VSS is the ground on pins VSSA, VSSE, VSSI and VSSX.
All VDD and VSS pins must be connected to the same supply or ground respectively.
2. The audio information from the USB interface is fed directly to the ADAC.
3. The power-save mode (power management) is not supported in the UDA1321/N101;
see Chapter “USB-DAC UDA1321/N101 (Firmware sw 2.1.1.7)”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
supply voltage
note 1
3.0
3.3
3.6
V
IDD(tot)
total supply current
−
50
−
mA
IDD(ps)
supply current in power-save
mode
note 3
−
18
−
mA
Dynamic performance DAC
total harmonic
distortion-plus-noise to signal
ratio
fs = 44.1 kHz; RL =5kΩ
at input signal of 1 kHz (0 dB)
−−90(2) −80
dB
−
0.0032 0.01
%
at input signal of 1 kHz (
−60 dB) −−30(2) −20
dB
−
3.2
10
%
S/Nbz
signal-to-noise ratio at bipolar
zero
A-weighted at code 0000H
90
95
−
dBA
Vo(FS)(rms)
full-scale output voltage
(RMS value)
VDD = 3.3 V
−
0.66
−
V
General characteristics
fi(sample)
audio sample input frequency
5
−
55
kHz
Tamb
operating ambient temperature
0
25
70
°C
THD
N
+
S
-----------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com