Electronic Components Datasheet Search
  English  ▼

X  

UDA1321 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # UDA1321
Description  Universal Serial Bus USB Digital-to-Analog Converter DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1321 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button UDA1321 Datasheet HTML 30Page - NXP Semiconductors UDA1321 Datasheet HTML 31Page - NXP Semiconductors UDA1321 Datasheet HTML 32Page - NXP Semiconductors UDA1321 Datasheet HTML 33Page - NXP Semiconductors UDA1321 Datasheet HTML 34Page - NXP Semiconductors UDA1321 Datasheet HTML 35Page - NXP Semiconductors UDA1321 Datasheet HTML 36Page - NXP Semiconductors UDA1321 Datasheet HTML 37Page - NXP Semiconductors UDA1321 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
1998 Oct 06
34
Philips Semiconductors
Preliminary specification
Universal Serial Bus (USB)
Digital-to-Analog Converter (DAC)
UDA1321
USB-DAC UDA1321/N101 (FIRMWARE SW 2.1.1.7)
The following items are different for the UDA1321/N101 compared to the general content of this data sheet:
• Volume control
• Treble control
• Power management.
Table 10 Volume control characteristics
The treble control is available for the master channel of the UDA1321. Treble can be regulated in three modes: minimum,
flat and maximum mode. The preferred mode is selected via the configuration map. The corner frequency is 3000 Hz for
the minimum mode and 1500 Hz for the maximum mode. The treble range is from 0 to 6 dB (discrete steps
0, 4 and 6 dB). It should be noted that the negative treble values as defined in the
“USB Device Class Definition for Audio
Devices” are not supported by the UDA1321; the 0 dB value is returned as 0 dB. Table 4 gives the mapping of the
bTreble value upon the actual treble setting of the USB DAC.
wVOLUME
VOLUME USB SIDE
(dB)
VOLUME USB DAC
(dB)
B15
B14
B13
B12
B11
B10
B9
B8
00000000
0
0
11111111
0
0
11111110
−1
−1
11111101
−2
−2
11111100
−3
−3
11111011
−4
−4
11111010
−5
−5
11111001
−6
−6
11111000
−7
−7
11110111
−8
−8
11110110
−9
−9
...
...
...
...
...
...
...
...
...
...
11000101
−58
−58
11000100
−59
−59
11000011
−60
−60
11000010
−61
−∞
11000001
−62
−∞
...
...
...
...
...
...
...
...
...
...
10000000
−∞
−∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com