Electronic Components Datasheet Search
  English  ▼

X  

UDA1321 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # UDA1321
Description  Universal Serial Bus USB Digital-to-Analog Converter DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1321 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button UDA1321 Datasheet HTML 32Page - NXP Semiconductors UDA1321 Datasheet HTML 33Page - NXP Semiconductors UDA1321 Datasheet HTML 34Page - NXP Semiconductors UDA1321 Datasheet HTML 35Page - NXP Semiconductors UDA1321 Datasheet HTML 36Page - NXP Semiconductors UDA1321 Datasheet HTML 37Page - NXP Semiconductors UDA1321 Datasheet HTML 38Page - NXP Semiconductors UDA1321 Datasheet HTML 39Page - NXP Semiconductors UDA1321 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
1998 Oct 06
36
Philips Semiconductors
Preliminary specification
Universal Serial Bus (USB)
Digital-to-Analog Converter (DAC)
UDA1321
APPLICATION DIAGRAM
handbook, full pagewidth
64
GP0/BCKI
2
GP5/WSI
7
GP1/DI
17
D
−
20
D
+
32
VDDE
30
VSSE
25
VDDI
29
45
44
VSSI
UDA1321H
+VD
100 nF
(63 V)
100 nF
(63 V)
C17
C18
1
Ω
R17
L12
BLM32A07
+VC
+VD
+VC
+VA
100 nF
(63 V)
100 nF
(63 V)
C15
C16
1
Ω
R16
L11
BLM32A07
BLM32A07
4.7 pF
(50 V)
C13
12 pF
(63 V)
C6
+VA
100 nF
(63 V)
47
µF
(16 V)
C8
C14
R15
1
Ω
+VC
37
XTAL1
38
XTAL2
R9
1.5 k
Ω
R14
22
Ω
R13
22
Ω
P5
digital
input
BCK
WS
DI
C4
22 pF
(63 V)
C5
22 pF
(63 V)
C26
10 nF
(50 V)
1
L9
8
2
7
3
6
45
VDDA
VSSA
10 nF
(63 V)
C7
L10
1.5
µH
C1
100
µF
(16 V)
C2
100
µF
(16 V)
C3
100
µF
(16 V)
10 nF
(50 V)
C27
X1
48 MHz
L15
BLM32A07
L14
BLM32A07
L16
VD(ext)
(2)
VA(ext)
(1)
GND
MGM842
4
3
2
1
Fig.11 Application diagram QFP64 (continued in Fig.12).
(1) BLM32A07.
(2) VD(ext) can be connected to 5 V max. (5 V tolerant I/O).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com