Electronic Components Datasheet Search
  English  ▼

X  

UDA1321 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # UDA1321
Description  Universal Serial Bus USB Digital-to-Analog Converter DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1321 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button UDA1321 Datasheet HTML 25Page - NXP Semiconductors UDA1321 Datasheet HTML 26Page - NXP Semiconductors UDA1321 Datasheet HTML 27Page - NXP Semiconductors UDA1321 Datasheet HTML 28Page - NXP Semiconductors UDA1321 Datasheet HTML 29Page - NXP Semiconductors UDA1321 Datasheet HTML 30Page - NXP Semiconductors UDA1321 Datasheet HTML 31Page - NXP Semiconductors UDA1321 Datasheet HTML 32Page - NXP Semiconductors UDA1321 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
1998 Oct 06
29
Philips Semiconductors
Preliminary specification
Universal Serial Bus (USB)
Digital-to-Analog Converter (DAC)
UDA1321
RECOMMENDED OPERATING CONDITIONS
DC CHARACTERISTICS
VDD = 3.3 V; VSS =0V; Tamb =25 °C; fosc = 48 MHz; fs = 44.1 kHz; unless otherwise specified.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
3.0
3.3
3.6
V
VI
DC input voltage for D+ and D
−
0.0
−
VDD
V
VI/O
DC input voltage for the digital I/Os
0.0
−
VDD
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDDE
digital supply voltage I/O pins
3.0
3.3
3.6
V
VDDI
digital supply voltage core
3.0
3.3
3.6
V
VDDA
analog supply voltage
3.0
3.3
3.6
V
VDDO
operational amplifier supply voltage
3.0
3.3
3.6
V
VDDX
crystal oscillator supply voltage
3.0
3.3
3.6
V
IDDE
digital supply current I/O pins
note 1
−
3
−
mA
IDDI
digital supply current core
−
36
−
mA
IDDA
analog supply current
−
4.2
−
mA
IDDO
operational amplifier supply current
−
4.0
−
mA
IDDX
crystal oscillator supply current
−
2.1
15.0(2)
mA
Ptot
total power dissipation
−
165
−
mW
Ptot(ps)
total power dissipation in
power-save mode
note 3
−
60
−
mW
Inputs/outputs D+ and D
−
VI
static DC input voltage
−0.5
−
VDDI
V
VOH
static DC output voltage HIGH
RL =15kΩ to ground 2.8
−
VDDI
V
VOL
static DC output voltage LOW
RL = 1.5 kΩ to 3.6 V
−−
0.3
V
ILO
high impedance state data line
output leakage current
−−
10
µA
∆VI(dif)
differential input sensitivity
0.2
−−
V
VCM(dif)
differential common mode voltage
0.8
−
2.5
V
VSE(RX)th
single-ended receiver threshold
voltage
0.8
−
2.0
V
CI(TRX)
transceiver input capacitance
pin to ground
−−
20
pF
Digital inputs/outputs
VIL
LOW-level input voltage
−−
0.3VDDI
V
VIH
HIGH-level input voltage
0.7VDDI
−
VDDI
V
VOL
LOW-level output voltage
−−
0.4
V
VOH
HIGH-level output voltage
VDDI − 0.4 −−
V
ILI
input leakage current
−−
1
µA
Ci
input capacitance
pin to ground
−−
5pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com