Electronic Components Datasheet Search
  English  ▼

X  

UDA1321 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # UDA1321
Description  Universal Serial Bus USB Digital-to-Analog Converter DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1321 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button UDA1321 Datasheet HTML 28Page - NXP Semiconductors UDA1321 Datasheet HTML 29Page - NXP Semiconductors UDA1321 Datasheet HTML 30Page - NXP Semiconductors UDA1321 Datasheet HTML 31Page - NXP Semiconductors UDA1321 Datasheet HTML 32Page - NXP Semiconductors UDA1321 Datasheet HTML 33Page - NXP Semiconductors UDA1321 Datasheet HTML 34Page - NXP Semiconductors UDA1321 Datasheet HTML 35Page - NXP Semiconductors UDA1321 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
1998 Oct 06
32
Philips Semiconductors
Preliminary specification
Universal Serial Bus (USB)
Digital-to-Analog Converter (DAC)
UDA1321
SDA and SCL lines (standard I2C-bus); see Fig.7
fSCL
SCL clock frequency
0
−
100
kHz
tBUF
bus free time between a STOP
and START condition
4.7
−−
µs
tHD;STA
hold time (repeated) START
condition
4.0
−−
µs
tLOW
SCL LOW time
4.7
−−
µs
tHIGH
SCL HIGH time
4.0
−−
µs
tSU;STA
set-up time for a repeated START
condition
4.7
−−
µs
tSU;STO
set-up time for a STOP condition
4.0
−−
µs
tHD;DAT
data hold time
5.0
−
0.9
µs
tSU;DAT
data set-up time
250
−−
ns
tr
rise time of both SDA and SCL
signals
−−
1000
ns
tf
fall time of both SDA and SCL
signals
−−
300
ns
CL(bus)
load capacitance for each bus line
−−
400
pF
Oscillator; note 1
fosc
oscillator frequency
−
48
−
MHz
δ
duty factor
−
50
−
%
gm
transconductance
13.5
23.0
30.5
mS
Ro
output resistance
450
700
1450
Ω
Ci(XTAL1)
parasitic input capacitance at XTAL1
10
11
12
pF
Ci(XTAL2)
parasitic input capacitance at XTAL2
4.5
5.0
5.5
pF
Istart
start current
4.3
8.8
15.0
mA
Power-on reset
tsu(POR)
power-on reset set-up time
notes 2 and 3
5Cref
−−
ms
Filter Stream DAC (FSDAC)
RES
resolution
16
−−
bits
Vo(FS)(rms)
full-scale output voltage
(RMS value)
VDD = 3.3 V
−
0.66
−
V
SVRR
supply voltage ripple rejection of
VDDA and VDDO
fripple = 1 kHz;
Vripple(p-p) = 0.1 V
−
60
−
dB
∆V
o
channel unbalance
maximum volume
−
0.03
−
dB
α
ct
crosstalk between channels
RL =5kΩ−
95
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com