Electronic Components Datasheet Search
  English  ▼

X  

UDA1321 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # UDA1321
Description  Universal Serial Bus USB Digital-to-Analog Converter DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1321 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button UDA1321 Datasheet HTML 34Page - NXP Semiconductors UDA1321 Datasheet HTML 35Page - NXP Semiconductors UDA1321 Datasheet HTML 36Page - NXP Semiconductors UDA1321 Datasheet HTML 37Page - NXP Semiconductors UDA1321 Datasheet HTML 38Page - NXP Semiconductors UDA1321 Datasheet HTML 39Page - NXP Semiconductors UDA1321 Datasheet HTML 40Page - NXP Semiconductors UDA1321 Datasheet HTML 41Page - NXP Semiconductors UDA1321 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MGM844
24 (27)
7
(8)
VDDI
8
(9)
VSSI
25 (29)
28 (32)
5 (6)
6 (7)
22
pF
22
pF
GP0/BCKI
GP5/WSI
(31) 27
(18) 15
SDA
Vref
(23) 20
VDDO
(22)19
VSSO
(30) 26
SCL
GP1/DI
BCK
digital
input
WS
DI
D
−
7
+3.3 V
D
+
8
6
5
10
nF
10 nF
L6
(1)
1.5
k
Ω
22
Ω
22
Ω
100 nF
100 nF
1
Ω
10
(11)
VDDE
9
(10)
VSSE
(1)
100 nF
100 nF
1
Ω
14
(16)
VDDX
11
(13)
VSSX
(1)
100 nF
100 nF
100 nF
1
Ω
1
Ω
100
µF
+3.3 V
+3.3 V
1
VDD
8
A0
2
PTC
7
A1
3
SCL
6
A2
4
SDA
5
VSS
10
k
Ω
+3.3 V
10
k
Ω
PCX8582X-2
100
nF
4.7
µF
(24) 21
VOUTL
47
µF
LEFT
(21) 18
VOUTR
47
µF
RIGHT
100 nF
1
Ω
+3.3 V
(20) 17
VDDA
(19) 16
VSSA
100 nF
1
Ω
+3.3 V
(1) 1
GP2/DO
(2) 2
GP3/WSO
(3) 3
GP4/BCKO
(4) 4
SHTCB
(25) 22
TC
(26) 23
RTCB
BCK
digital
output
WS
DO
10 nF
13 (15)
12 (14)
XTAL2
XTAL1
1.5
µH
12 pF
4.7 pF
48 MHz
UDA1321T
(UDA1321PS)
1
2
3
4
1
X4
2
3
4
(I2C-bus)
Fig.13 Application diagram SO28 and SDIP32.
Pin numbers in parenthesis represent the UDA1321PS.
(1) BLM32A07.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com