Electronic Components Datasheet Search
  English  ▼

X  

CS42528 Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS42528
Description  114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42528 Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS42528 Datasheet HTML 44Page - Cirrus Logic CS42528 Datasheet HTML 45Page - Cirrus Logic CS42528 Datasheet HTML 46Page - Cirrus Logic CS42528 Datasheet HTML 47Page - Cirrus Logic CS42528 Datasheet HTML 48Page - Cirrus Logic CS42528 Datasheet HTML 49Page - Cirrus Logic CS42528 Datasheet HTML 50Page - Cirrus Logic CS42528 Datasheet HTML 51Page - Cirrus Logic CS42528 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 91 page
background image
48
DS586F1
CS42528
6.4
Functional Mode (address 03h)
6.4.1
CODEC FUNCTIONAL MODE (CODEC_FMX)
Default = 00
00 - Single-Speed Mode (4 to 50 kHz sample rates)
01 - Double-Speed Mode (50 to 100 kHz sample rates)
10 - Quad-Speed Mode (100 to 192 kHz sample rates)
11 - Reserved
Function:
Selects the required range of sample rates for all converters clocked from the Codec serial port
(CODEC_SP). Bits must be set to the corresponding sample rate range when the CODEC_SP is in Master
or Slave Mode.
6.4.2
SERIAL AUDIO INTERFACE FUNCTIONAL MODE (SAI_FMX)
Default = 00
00 - Single-Speed Mode (4 to 50 kHz sample rates)
01 - Double-Speed Mode (50 to 100 kHz sample rates)
10 - Quad-Speed Mode (100 to 192 kHz sample rates)
11 - Reserved
Function:
Selects the required range of sample rates for the Serial Audio Interface port (SAI_SP). These bits
must be set to the corresponding sample rate range when the SAI_SP is in Master or Slave Mode.
6.4.3
ADC SERIAL PORT SELECT (ADC_SP SELX)
Default = 00
00 - Serial data on CX_SDOUT pin, clocked from the CODEC_SP. S/PDIF data on SAI_SDOUT pin.
01 - Serial data on CX_SDOUT pin, clocked from the SAI_SP. S/PDIF data on SAI_SDOUT pin.
10 - Serial data on SAI_SDOUT pin, clocked from the SAI_SP. No S/PDIF data available.
11 - Reserved
Function:
Selects the desired clocks and routing for the ADC serial output.
6.4.4
DAC DE-EMPHASIS CONTROL (DAC_DEM)
Default = 0
Function:
Enables the digital filter to maintain the standard 15
µs/50µs digital de-emphasis filter response at the
auto-detected sample rate of either 32, 44.1, or 48 kHz. De-emphasis will not be enabled, regardless
of this register setting, at any other sample rate. If the FRC_PLL_LK bit is set to a ‘1’b, the auto-detect
sample rate feature is disabled. To apply the correct de-emphasis filter, use the DE-EMPH bits in the
76
543
21
0
CODEC_FM1 CODEC_FM0
SAI_FM1
SAI_FM0
ADC_SP SEL1 ADC_SP SEL0
DAC_DEM
RCVR_DEM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com