Electronic Components Datasheet Search
  English  ▼

X  

CS42528 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS42528
Description  114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42528 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS42528 Datasheet HTML 26Page - Cirrus Logic CS42528 Datasheet HTML 27Page - Cirrus Logic CS42528 Datasheet HTML 28Page - Cirrus Logic CS42528 Datasheet HTML 29Page - Cirrus Logic CS42528 Datasheet HTML 30Page - Cirrus Logic CS42528 Datasheet HTML 31Page - Cirrus Logic CS42528 Datasheet HTML 32Page - Cirrus Logic CS42528 Datasheet HTML 33Page - Cirrus Logic CS42528 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 91 page
background image
30
DS586F1
CS42528
CX_LRCK
SAI_LRCK
CX_SCLK
SAI_SCLK
Left Channel
Right Channel
CX_SDINx
CX_SDOUT
SAI_SDOUT
+3 +2 +1
+5 +4
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
MSB
LSB
MSB
LSB
Figure 11. Left-Justified Serial Audio Formats
Left-Justified Mode, Data Valid on Rising Edge of SCLK
Bits/Sample
SCLK Rate(s)
Notes
Master
Slave
16
64
32, 48, 64, 128 Fs
Single-Speed Mode
64 Fs
32, 64 Fs
Double-Speed Mode
64 Fs
32, 64 Fs
Quad-Speed Mode
18 to 24
64, 128, 256 Fs
48, 64, 128 Fs
Single-Speed Mode
64 Fs
48, 64 Fs
Double-Speed Mode
64 Fs
48, 64 Fs
Quad-Speed Mode
Left Channel
Right Channel
654
3
210
987
15 14 13 12 11 10
65432
10
987
15 14 13 12 11 10
CX_SDINx
CX_SDOUT
SAI_SDOUT
CX_LRCK
SAI_LRCK
CX_SCLK
SAI_SCLK
Figure 12. Right-Justified Serial Audio Formats
Right-Justified Mode, Data Valid on Rising Edge of SCLK
Bits/Sample
SCLK Rate(s)
Notes
Master
Slave
16
64
32, 48, 64, 128 Fs
Single-Speed Mode
64 Fs
32, 64 Fs
Double-Speed Mode
64 Fs
32, 64 Fs
Quad-Speed Mode
24
64, 128, 256 Fs
48, 64, 128 Fs
Single-Speed Mode
64 Fs
48, 64 Fs
Double-Speed Mode
64 Fs
48, 64 Fs
Quad-Speed Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com