Electronic Components Datasheet Search
  English  ▼

X  

CS42528 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS42528
Description  114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42528 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS42528 Datasheet HTML 7Page - Cirrus Logic CS42528 Datasheet HTML 8Page - Cirrus Logic CS42528 Datasheet HTML 9Page - Cirrus Logic CS42528 Datasheet HTML 10Page - Cirrus Logic CS42528 Datasheet HTML 11Page - Cirrus Logic CS42528 Datasheet HTML 12Page - Cirrus Logic CS42528 Datasheet HTML 13Page - Cirrus Logic CS42528 Datasheet HTML 14Page - Cirrus Logic CS42528 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
DS586F1
11
CS42528
D/A DIGITAL FILTER CHARACTERISTICS
Notes:
9.
Response is clock dependent and will scale with Fs. Note that the response plots (Figures 46 to 69) have
been normalized to Fs and can be de-normalized by multiplying the X-axis scale by Fs.
10. Single- and Double-Speed Mode Measurement Bandwidth is from stopband to 3 Fs.
Quad-Speed Mode Measurement Bandwidth is from stopband to 1.34 Fs.
11. De-emphasis is available only in Single-Speed Mode.
Parameter
Fast Roll-Off
Slow Roll-Off
Unit
Min
Typ
Max
Min
Typ
Max
Combined Digital and On-chip Analog Filter Response - Single-Speed Mode - 48 kHz
Passband (Note 9)
to -0.01 dB corner
to -3 dB corner
0
0
-
-
0.4535
0.4998
0
0
-
-
0.4166
0.4998
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.01
-
+0.01
-0.01
-
+0.01
dB
StopBand
0.5465
-
-
0.5834
-
-
Fs
StopBand Attenuation
(Note 10)
90
-
-
64
-
-
dB
Group Delay
-
12/Fs
-
-
6.5/Fs
-
s
Passband Group Delay Deviation
0 - 20 kHz
-
-
±0.41/Fs
-
±0.14/Fs
s
De-emphasis Error (Note 11)
Fs = 32 kHz
(Relative to 1 kHz)
Fs = 44.1 kHz
Fs = 48 kHz
-
-
-
-
-
-
±0.23
±0.14
±0.09
-
-
-
-
-
-
±0.23
±0.14
±0.09
dB
dB
dB
Combined Digital and On-chip Analog Filter Response - Double-Speed Mode - 96 kHz
Passband (Note 9)
to -0.01 dB corner
to -3 dB corner
0
0
-
-
0.4166
0.4998
0
0
-
-
0.2083
0.4998
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.01
-
0.01
-0.01
-
0.01
dB
StopBand
0.5834
-
-
0.7917
-
-
Fs
StopBand Attenuation
(Note 10)
80
-
-
70
-
-
dB
Group Delay
-
4.6/Fs
-
-
3.9/Fs
-
s
Passband Group Delay Deviation
0 - 20 kHz
-
-
±0.03/Fs
-
±0.01/Fs
s
Combined Digital and On-chip Analog Filter Response - Quad-Speed Mode - 192 kHz
Passband (Note 9)
to -0.01 dB corner
to -3 dB corner
0
0
-
-
0.1046
0.4897
0
0
-
-
0.1042
0.4813
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.01
-
0.01
-0.01
-
0.01
dB
StopBand
0.6355
-
-
0.8683
-
-
Fs
StopBand Attenuation
(Note 10)
90
-
-
75
-
-
dB
Group Delay
-
4.7/Fs
-
-
4.2/Fs
-
s
Passband Group Delay Deviation
0 - 20 kHz
-
-
±0.01/Fs
-
±0.01/Fs
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com