Electronic Components Datasheet Search
  English  ▼

X  

CS42528 Datasheet(PDF) 83 Page - Cirrus Logic

Part # CS42528
Description  114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42528 Datasheet(HTML) 83 Page - Cirrus Logic

Back Button CS42528 Datasheet HTML 79Page - Cirrus Logic CS42528 Datasheet HTML 80Page - Cirrus Logic CS42528 Datasheet HTML 81Page - Cirrus Logic CS42528 Datasheet HTML 82Page - Cirrus Logic CS42528 Datasheet HTML 83Page - Cirrus Logic CS42528 Datasheet HTML 84Page - Cirrus Logic CS42528 Datasheet HTML 85Page - Cirrus Logic CS42528 Datasheet HTML 86Page - Cirrus Logic CS42528 Datasheet HTML 87Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 91 page
background image
DS586F1
83
CS42528
‘
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0.40
0.43
0.45
0.48
0.50
0.53
0.55
Frequency (normalized to Fs)
-0.10
-0.08
-0.05
-0.03
0.00
0.03
0.05
0.08
0.10
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
Frequency (normalized to Fs)
Figure 40. Double-Speed Mode Transition Band (Detail)
Figure 41. Double-Speed Mode Passband Ripple
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.00.1
0.20.3
0.40.5
0.60.7
0.80.9
1.0
Frequency (normalized to Fs)
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
Frequency (normalized to Fs)
Figure 42. Quad-Speed Mode Stopband Rejection
Figure 43. Quad-Speed Mode Transition Band
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
Frequency (normalized to Fs)
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0.10
0.00
0.05
0.10
0.15
0.20
0.25
Frequency (normalized to Fs)
Figure 44. Quad-Speed Mode Transition Band (Detail)
Figure 45. Quad-Speed Mode Passband Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com