Electronic Components Datasheet Search
  English  ▼

X  

CS42528 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS42528
Description  114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42528 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS42528 Datasheet HTML 4Page - Cirrus Logic CS42528 Datasheet HTML 5Page - Cirrus Logic CS42528 Datasheet HTML 6Page - Cirrus Logic CS42528 Datasheet HTML 7Page - Cirrus Logic CS42528 Datasheet HTML 8Page - Cirrus Logic CS42528 Datasheet HTML 9Page - Cirrus Logic CS42528 Datasheet HTML 10Page - Cirrus Logic CS42528 Datasheet HTML 11Page - Cirrus Logic CS42528 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 91 page
background image
8
DS586F1
CS42528
ANALOG INPUT CHARACTERISTICS
(TA = 25° C; VA =VARX= 5 V, VD = 3.3 V, Logic “0” = DGND =AGND = 0 V; Logic “1” = VLS = VLC = 5 V; Mea-
surement Bandwidth is 10 Hz to 20 kHz unless otherwise specified. Full-scale input sine wave, 997 Hz.;
PDN_RCVR = 1; SW_CTRL[1:0] = ‘01’; OMCK = 12.288 MHz; Single-Speed Mode CX_SCLK = 3.072 MHz; Dou-
ble-Speed Mode CX_SCLK = 6.144 MHz; Quad-Speed Mode CX_SCLK = 12.288 MHz.)
Notes:
3.
Referred to the typical full-scale voltage.
4.
Measured between AIN+ and AIN-
Parameter
Symbol
CS42528-CQZ
Min
Typ
Max
CS42528-DQZ
Min
Typ
Max
Unit
Single-Speed Mode
(Fs=48 kHz)
Dynamic Range
A-weighted
unweighted
108
105
114
111
-
-
106
103
114
111
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 3)
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-100
-91
-51
-94
-
-
-
-
-
-100
-91
-51
-92
-
-
dB
dB
dB
Double-Speed Mode
(Fs=96 kHz)
Dynamic Range
A-weighted
unweighted
40 kHz bandwidth unweighted
108
105
-
114
111
108
-
-
-
106
103
-
114
111
108
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 3)
-1 dB
-20 dB
-60 dB
40 kHz bandwidth
-1 dB
THD+N
-
-
-
-
-100
-91
-51
-97
-94
-
-
-
-
-
-
-
-100
-91
-51
-97
-92
-
-
-
dB
dB
dB
dB
Quad-Speed Mode
(Fs=192 kHz)
Dynamic Range
A-weighted
unweighted
40 kHz bandwidth unweighted
108
105
-
114
111
108
-
-
-
106
103
-
114
111
108
-
-
-
dB
dB
dB
Total Harmonic Distortion+ Noise
(Note 3)
-1 dB
-20 dB
-60 dB
40 kHz bandwidth
-1 dB
THD+N
-
-
-
-
-100
-91
-51
-97
-94
-
-
-
-
-
-
-
-100
-91
-51
-97
-92
-
-
-
dB
dB
dB
dB
Dynamic Performance for All Modes
Interchannel Isolation
-
110
-
-
110
-
dB
Interchannel Phase Deviation
-
0.0001
-
-
0.0001
-
Degree
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
-
0.1
-
dB
Gain Drift
-
+/-100
-
-
+/-100
-
ppm/°C
Offset Error
HPF_FREEZE disabled
HPF_FREEZE enabled
-
-
0
100
-
-
-
-
0
100
-
-
LSB
LSB
Analog Input
Full-scale Differential Input Voltage
1.05 VA
1.10 VA
1.16 VA
0.99 VA
1.10 VA
1.21 VA
Vpp
Input Impedance (Differential) (Note 4)
17
-
-
17
-
-
k
Ω
Common Mode Rejection Ratio
CMRR
-
82
-
-
82
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com