Electronic Components Datasheet Search
  English  ▼

X  

CS42528 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS42528
Description  114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42528 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS42528 Datasheet HTML 11Page - Cirrus Logic CS42528 Datasheet HTML 12Page - Cirrus Logic CS42528 Datasheet HTML 13Page - Cirrus Logic CS42528 Datasheet HTML 14Page - Cirrus Logic CS42528 Datasheet HTML 15Page - Cirrus Logic CS42528 Datasheet HTML 16Page - Cirrus Logic CS42528 Datasheet HTML 17Page - Cirrus Logic CS42528 Datasheet HTML 18Page - Cirrus Logic CS42528 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 91 page
background image
DS586F1
15
CS42528
DC ELECTRICAL CHARACTERISTICS
(TA = 25° C; AGND=DGND=0, all voltages with respect to ground; OMCK=12.288 MHz; Master Mode)
Notes:
23. Current consumption increases with increasing FS and increasing OMCK. Max values are based on
highest FS and highest OMCK. Variance between speed modes is negligible.
24. ILC measured with no external loading on the SDA pin.
25. Power-Down Mode is defined as RST pin = Low with all clock and data lines held static.
26. Valid with the recommended capacitor values on FILT+ and VQ as shown in Figure 5.
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Current
normal operation, VA = VARX = 5 V
(Note 23)
VD = 5 V
VD = 3.3 V
Interface current, VLC=5 V (Note 24)
VLS=5 V
power-down state (all supplies) (Note 25)
IA
ID
ID
ILC
ILS
Ipd
-
-
-
-
-
-
75
85
51
250
13
250
-
-
-
-
-
-
mA
mA
mA
µA
mA
µA
Power Consumption
(Note 23)
VA=VARX=5 V, VD=VLS=VLC=3.3 V
normal operation
power-down (Note 25)
VA=VARX=5 V, VD=VLS=VLC=5 V
normal operation
power-down (Note 25)
-
-
-
-
587
1.25
866
1.25
650
-
960
-
mW
mW
mW
mW
Power Supply Rejection Ratio (Note 26)
(1 kHz)
(60 Hz)
PSRR
-
-
60
40
-
-
dB
dB
VQ Nominal Voltage
VQ Output Impedance
VQ Maximum allowable DC current
-
-
-
2.7
50
0.01
-
-
-
V
k
Ω
mA
FILT+ Nominal Voltage
FILT+ Output Impedance
FILT+ Maximum allowable DC current
-
-
-
5.0
35
0.01
-
-
-
V
k
Ω
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com