Electronic Components Datasheet Search
  English  ▼

X  

CS42528 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS42528
Description  114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42528 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS42528 Datasheet HTML 38Page - Cirrus Logic CS42528 Datasheet HTML 39Page - Cirrus Logic CS42528 Datasheet HTML 40Page - Cirrus Logic CS42528 Datasheet HTML 41Page - Cirrus Logic CS42528 Datasheet HTML 42Page - Cirrus Logic CS42528 Datasheet HTML 43Page - Cirrus Logic CS42528 Datasheet HTML 44Page - Cirrus Logic CS42528 Datasheet HTML 45Page - Cirrus Logic CS42528 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 91 page
background image
42
DS586F1
CS42528
5. REGISTER QUICK REFERENCE
Addr Function
7
6
5
4
3
2
1
0
01h
ID
Chip_ID3
Chip_ID2
Chip_ID1
Chip_ID0
Rev_ID3
Rev_ID2
Rev_ID1
Rev_ID0
page 46
default
11
1
1
X
X
X
X
02h
Power Con-
trol
PDN_RCVR1 PDN_RCVR0
PDN_ADC
PDN_DAC4
PDN_DAC3
PDN_DAC2
PDN_DAC1
PDN
page 47
default
1
0
0
0
000
1
03h
Functional
Mode
CODEC_FM1 CODEC_FM0
SAI_FM1
SAI_FM0
ADC_SP
SEL1
ADC_SP
SEL0
DAC_DEM
RCVR_DEM
page 46
default
0
0
0
0
000
0
04h
Interface
Formats
DIF1
DIF0
ADC_OL1
ADC_OL0
DAC_OL1
DAC_OL0
SAI_RJ16
CODEC_RJ16
page 50
default
0
1
0
0
000
0
05h
Misc Control
Ext ADC
SCLK
HiZ_RMCK
Reserved
FREEZE
FILTSEL
HPF_
FREEZE
CODEC_SP
M/S
SAI_SP
M/S
page 51
default
0
0
0
0
000
0
06h
Clock Con-
trol
RMCK_DIV1
RMCK_DIV0
OMCK
Freq1
OMCK
Freq0
PLL_LRCK
SW_CTRL1
SW_CTRL0
FRC_PLL_LK
page 53
default
0
0
0
0
000
0
07h
OMCK/PLL_
CLK Ratio
RATIO7
RATIO6
RATIO5
RATIO4
RATIO3
RATIO2
RATIO1
RATIO0
page 54
default
XX
X
X
X
X
X
X
08h
RVCR Sta-
tus
Digital Silence
AES
Format2
AES
Format1
AES
Format0
Active_CLK RVCR_CLK2 RVCR_CLK1
RVCR_CLK0
page 54
default
XX
X
X
X
X
X
X
09h
Burst Pre-
amble PC
Byte 0
PC0-7
PC0-6
PC0-5
PC0-4
PC0-3
PC0-2
PC0-1
PC0-0
page 56
default
XX
X
X
X
X
X
X
0Ah
Burst Pre-
amble PC
Byte 1
PC1-7
PC1-6
PC1-5
PC1-4
PC1-3
PC1-2
PC1-1
PC1-0
page 56
default
XX
X
X
X
X
X
X
0Bh
Burst Pre-
amble PD
Byte 0
PD0-7
PD0-6
PD0-5
PD0-4
PD0-3
PD0-2
PD0-1
PD0-0
page 56
default
XX
X
X
X
X
X
X
0Ch
Burst Pre-
amble PD
Byte 1
PD1-7
PD1-6
PD1-5
PD1-4
PD1-3
PD1-2
PD1-1
PD1-0
page 56
default
XX
X
X
X
X
X
X
0Dh
Volume
Control
Reserved
SNGVOL
SZC1
SZC0
AMUTE
MUTE
SAI_SP
RAMP_UP
RAMP_DN
page 56
default
0
0
0
0
100
0
0Eh
Channel
Mute
B4_MUTE
A4_MUTE
B3_MUTE
A3_MUTE
B2_MUTE
A2_MUTE
B1_MUTE
A1_MUTE
page 58
default
0
0
0
0
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com