Electronic Components Datasheet Search
  English  ▼

X  

CS42528 Datasheet(PDF) 65 Page - Cirrus Logic

Part # CS42528
Description  114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42528 Datasheet(HTML) 65 Page - Cirrus Logic

Back Button CS42528 Datasheet HTML 61Page - Cirrus Logic CS42528 Datasheet HTML 62Page - Cirrus Logic CS42528 Datasheet HTML 63Page - Cirrus Logic CS42528 Datasheet HTML 64Page - Cirrus Logic CS42528 Datasheet HTML 65Page - Cirrus Logic CS42528 Datasheet HTML 66Page - Cirrus Logic CS42528 Datasheet HTML 67Page - Cirrus Logic CS42528 Datasheet HTML 68Page - Cirrus Logic CS42528 Datasheet HTML 69Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 91 page
background image
DS586F1
65
CS42528
6.22
Interrupt Mode MSB (address 22h)
Interrupt Mode LSB (address 23h)
Default = 00000000
Function:
The two Interrupt Mode registers form a 2-bit code for each Interrupt Status register function. There
are three ways to set the INT pin active in accordance with the interrupt condition. In the Rising edge
active mode, the INT pin becomes active on the arrival of the interrupt condition. In the Falling edge
active mode, the INT pin becomes active on the removal of the interrupt condition. In Level active
mode, the INT interrupt pin becomes active during the interrupt condition. Be aware that the active
level (Active High or Low) only depends on the INT(1:0) bits located in the register “Receiver Mode
Control (address 1Eh)” on page 61.
00 - Rising edge active
01 - Falling edge active
10 - Level active
11 - Reserved
6.23
Channel Status Data Buffer Control (address 24h)
6.23.1 S/PDIF RECEIVER LOCKING MODE (LOCKMX)
Default = 01
00 - Revision C compatibility mode.
01 - Revision D default mode. Provides improved wideband jitter rejection in Double- and Quad-
Speed modes.
10 - High update rate phase detector mode. Provides improved in-band jitter, but increased wideband
jitter. Use this setting for best ADC and DAC performance with clocked from the PLL recovered
clock.
11 - Reserved.
Function:
Selects the mode used by the S/PDIF receiver to lock to the active RXP[7:0] input. Revision C com-
patibility mode is included for backward compatibility with Revision C.
6.23.2 DATA BUFFER SELECT (BSEL)
Default = 0
0 - Data buffer address space contains Channel Status data
1 - Data buffer address space contains User data
Function:
Selects the data buffer register addresses to contain either User data or Channel Status data.
7
6
5
432
10
UNLOCK1
Reserved
QCH1
DETC1
DETU1
Reserved
OF1
RERR1
UNLOCK0
Reserved
QCH0
DETC0
DETU0
Reserved
OF0
RERR0
7
6
5
432
10
LOCKM1
LOCKM0
Reserved
Reserved
Reserved
BSEL
CAM
CHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com