Electronic Components Datasheet Search
  English  ▼

X  

CS42528 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS42528
Description  114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42528 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS42528 Datasheet HTML 22Page - Cirrus Logic CS42528 Datasheet HTML 23Page - Cirrus Logic CS42528 Datasheet HTML 24Page - Cirrus Logic CS42528 Datasheet HTML 25Page - Cirrus Logic CS42528 Datasheet HTML 26Page - Cirrus Logic CS42528 Datasheet HTML 27Page - Cirrus Logic CS42528 Datasheet HTML 28Page - Cirrus Logic CS42528 Datasheet HTML 29Page - Cirrus Logic CS42528 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 91 page
background image
26
DS586F1
CS42528
4.5.2
OMCK System Clock Mode
A special clock-switching mode is available that allows the clock that is input through the OMCK pin to be
used as the internal master clock. This feature is controlled by the SW_CTRLx bits in register “Clock Con-
trol (address 06h)” on page 53. An advanced auto-switching mode is also implemented to maintain mas-
ter clock functionality. The clock auto-switching mode allows the clock input through OMCK to be used as
a clock in the system without any disruption when the PLL loses lock, for example, when the input is re-
moved from the receiver. This clock-switching is done glitch-free. A clock adhering to the specifications
detailed in the Switching Characteristics table on page 12 must be applied to the OMCK pin at all times
that the FRC_PLL_LK bit is set to ‘0’ (See “Force PLL Lock (FRC_PLL_LK)” on page 54).
4.5.3
Master Mode
In Master Mode, the serial interface timings are derived from an external clock attached to OMCK or from
the output of the PLL with an input reference to either the S/PDIF Receiver recovered clock or the
SAI_LRCK input from the Serial Audio Interface Port. Master clock selection and operation is configured
with the SW_CTRL1:0 bits in the Clock Control Register (See “Clock Control (address 06h)” on
page 53).The supported PLL output frequencies are shown in Table 2 below.
4.5.4
Slave Mode
In Slave Mode, CX_LRCK, CX_SCLK and/or SAI_LRCK, SAI_SCLK operate as inputs. The Left/Right
clock signal must be equal to the sample rate, Fs, and must be synchronously derived from the supplied
master clock, OMCK, or the output of the PLL. The serial bit clock, CX_SCLK and/or SAI_SCLK, must be
synchronously derived from the master clock and be equal to 128x, 64x, 48x or 32x Fs, depending on the
interface format selected and desired speed mode.
When the device is clocked from OMCK, the frequency of OMCK must be at least twice the frequency of
the fastest Slave Mode, SCLK. For example, if both serial ports are in Slave Mode with one SCLK running
at 32x Fs and the other at 64x Fs, the slowest OMCK signal that can be used to clock the device is
128x Fs.
Sample
Rate
(kHz)
OMCK (MHz)
Single-Speed
(4 to 50 kHz)
Double-Speed
(50 to 100 kHz)
Quad-Speed
(100 to 192 kHz)
256x
384x
512x
128x
192x
256x
64x
96x
128x
48
12.2880 18.4320 24.5760
-
-
-
-
-
-
96
-
-
-
12.2880 18.4320 24.5760
-
-
-
192
-
-
-
-
-
-
12.2880 18.4320 24.5760
Table 1. Common OMCK Clock Frequencies
Sample
Rate
(kHz)
PLL Output (MHz)
Single Speed
(4 to 50 kHz)
Double Speed
(50 to 100 kHz)
Quad Speed
(100 to 192 kHz)
256x
256x
256x
32
8.1920
-
-
44.1
11.2896
-
-
48
12.2880
-
-
64
-
16.3840
-
88.2
-
22.5792
-
96
-
24.5760
-
176.4
-
-
45.1584
192
-
-
49.1520
Table 2. Common PLL Output Clock Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com