Electronic Components Datasheet Search
  English  ▼

X  

CS42528 Datasheet(PDF) 81 Page - Cirrus Logic

Part # CS42528
Description  114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42528 Datasheet(HTML) 81 Page - Cirrus Logic

Back Button CS42528 Datasheet HTML 77Page - Cirrus Logic CS42528 Datasheet HTML 78Page - Cirrus Logic CS42528 Datasheet HTML 79Page - Cirrus Logic CS42528 Datasheet HTML 80Page - Cirrus Logic CS42528 Datasheet HTML 81Page - Cirrus Logic CS42528 Datasheet HTML 82Page - Cirrus Logic CS42528 Datasheet HTML 83Page - Cirrus Logic CS42528 Datasheet HTML 84Page - Cirrus Logic CS42528 Datasheet HTML 85Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 91 page
background image
DS586F1
81
CS42528
11.APPENDIX D: EXTERNAL AES3-S/PDIF-IEC60958 RECEIVER
COMPONENTS
11.1
AES3 Receiver External Components
The CS42528 AES3 receiver is designed to accept only consumer-standard interfaces. The standards call
for an unbalanced circuit having a receiver impedance of 75
Ω ±5%. The connector is an RCA phono socket.
The receiver circuit is shown in Figure 31. Figure 32 shows an implementation of the Input S/PDIF Multi-
plexer using the consumer interface.
In the configuration of systems, it is important to avoid ground loops and DC current flowing down the shield
of the cable that could result when boxes with different ground potentials are connected. Generally, it is
good practice to ground the shield to the chassis of the transmitting unit and connect the shield through a
capacitor to chassis ground at the receiver. However, in some cases, it is advantageous to have the ground
of two boxes held at the same potential and make the electrical connection through the cable shield. Gen-
erally, it may be a good idea to provide the option of grounding or capacitively coupling the shield to the
chassis.
When more than one RXP pin is driven simultaneously, as shown in Figure 32, there is a potential for
crosstalk between inputs. To minimize this crosstalk, provide as much trace separation as is reasonable and
choose non-adjacent inputs when possible.
The circuit shown in Figure 33 may be used when external RS422 receivers, optical receivers or other
TTL/CMOS logic outputs drive the CS42528 receiver input.
RXP7
RXP0
RXP6
75
Ω
.01
µF
.01
µF
.01
µF
.
..
75
Ω
Coax
75
Ω
75
Ω
75
Ω
Coax
75
Ω
Coax
Figure 31. Consumer Input Circuit
Figure 32. S/PDIF MUX Input Circuit
RCA Phono
RXP0
Coax
75
Ω
75
Ω
0.01
µF
RX P 0
0.01
µ F
TTL/C M O S
Gate
Figure 33. TTL/CMOS Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com